Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 53Page - STMicroelectronics SPIRIT1 Datasheet HTML 54Page - STMicroelectronics SPIRIT1 Datasheet HTML 55Page - STMicroelectronics SPIRIT1 Datasheet HTML 56Page - STMicroelectronics SPIRIT1 Datasheet HTML 57Page - STMicroelectronics SPIRIT1 Datasheet HTML 58Page - STMicroelectronics SPIRIT1 Datasheet HTML 59Page - STMicroelectronics SPIRIT1 Datasheet HTML 60Page - STMicroelectronics SPIRIT1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 94 page
background image
SPIRIT1
Transmission and reception
Doc ID 022758 Rev 3
57/94
The sub-mode can be chosen setting the MBUS_SUBMODE[2:0] field of the MBUS_CTRL
register. There are 5 possible cases:
Submode S1, S2 (long header) (MBUS_SUBMODE=0):
Header length = MBUS_PRMBL_CTRL + 279 (in '01' bit pairs)
Sync word = 0x7696 (length 18 bits)
Submode S1-m, S2, T2 (other to meter) (MBUS_SUBMODE =1):
Header length = MBUS_PRMBL_CTRL + 15 (in '01' bit pairs)
Sync word = 0x7696 (length 18 bits)
Submode T1, T2 (meter to other) (MBUS_SUBMODE =3):
Header length = MBUS_PRMBL_CTRL + 19 (in '01' bit pairs)
Sync word = 0x3D (length 10 bits)
Submode R2, short header (MBUS_SUBMODE =5):
Header length = MBUS_PRMBL_CTRL + 39 (in '01' bit pairs)
Sync word = 0x7696 (length 18 bits).
Submode N1, N2, short header:
Header length = 8 (in '01' bit pairs)
Sync word = 0xF68D (length 18 bits).
9.7.3
Basic packet
Preamble (programmable field): the length of the preamble is programmable from 1 to 32
bytes by the PREAMBLE_LENGTH field of the PCKTCTRL2 register. Each preamble byte is
a '10101010' binary sequence.
Sync (programmable field): the length of the synchronization field is programmable (from 1
to 4 bytes) through dedicated registers. The synchronization word is programmable through
registers SYNC1, SYNC2, SYNC3, and SYNC4. If the programmed sync length is 1, then
only SYNC word is transmitted; if the programmed sync length is 2 then only SYNC1 and
SYNC2 words are transmitted and so on.
Length (programmable/optional field): the packet length field is an optional field that is
defined as the cumulative length of Address, Control, and Payload fields. It is possible to
support fixed and variable packet length. In fixed mode, the field length is not used.
Destination address (programmable/optional field): when the destination address filtering
is enabled in the receiver, the packet handler engine compares the destination address field
of the packet received with the value of register TX_SOURCE_ADDR. If broadcast address
and/or multicast address filtering are enabled, the packet handler engine compares the
destination address with the programmed broadcast and/or multicast address.
Control (programmable/optional field): is programmable from 0 to 4 bytes through the
CONTROL_LEN field of the PCKTCTRL4 register. Control fields of the packet can be set
using the TX_CTRL_FIELD[3:0] register.
Payload (programmable/optional field): the device supports both fixed and variable payload
length transmission from 0 to 65535 bytes.
1-32
1-4
0-16 bit
0-1
0-4
0-65535
0-3
Preamble
Sync
Length
Address
Control
Payload
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com