Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 26Page - STMicroelectronics SPIRIT1 Datasheet HTML 27Page - STMicroelectronics SPIRIT1 Datasheet HTML 28Page - STMicroelectronics SPIRIT1 Datasheet HTML 29Page - STMicroelectronics SPIRIT1 Datasheet HTML 30Page - STMicroelectronics SPIRIT1 Datasheet HTML 31Page - STMicroelectronics SPIRIT1 Datasheet HTML 32Page - STMicroelectronics SPIRIT1 Datasheet HTML 33Page - STMicroelectronics SPIRIT1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
Operating modes
SPIRIT1
30/94
Doc ID 022758 Rev 3
The commands are immediately valid after SPI transfer completion (i.e. no need for any CSn
positive edge).
7.1
Reset sequence
SPIRIT1 is provided with an automatic power-on reset (POR) circuit which generates an
internal RESETN active (low) level for a time TRESET after the VDD reaches the reset
release threshold voltage VRRT (provided that SDN is low), as shown below. The same reset
pulse is generated after a step-down on the input pin SDN (provided that VDD>VRRT).
Figure 4.
Power-on reset timing and limits
The parameters VRRT and TRESET are fixed by design. At RESET, all the registers are
initialized to their default values. Typical and extreme values are reported in the following
table.
0x6D
AES KeyDec
All
Compute the key and start decryption
0x70
SRES
All
Reset
0x71
FLUSHRXFIFO
All
Clean the RX FIFO
0x72
FLUSHTXFIFO
All
Clean the TX FIFO
Table 18.
Commands list (continued)
Command
code
Command name
Execution state
Description
Table 19.
POR parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
VRRT
Reset startup threshold voltage
0.5
V
TRESET
Reset pulse width
0.24
0.65
1.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com