Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 56Page - STMicroelectronics SPIRIT1 Datasheet HTML 57Page - STMicroelectronics SPIRIT1 Datasheet HTML 58Page - STMicroelectronics SPIRIT1 Datasheet HTML 59Page - STMicroelectronics SPIRIT1 Datasheet HTML 60Page - STMicroelectronics SPIRIT1 Datasheet HTML 61Page - STMicroelectronics SPIRIT1 Datasheet HTML 62Page - STMicroelectronics SPIRIT1 Datasheet HTML 63Page - STMicroelectronics SPIRIT1 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
Transmission and reception
SPIRIT1
60/94
Doc ID 022758 Rev 3
If the transmitter does not receive any ACK packet when it must, the packet transmitted is
considered lost, and the TX_DATA_SENT in the IRQ_STATUS register remains at 0.
Automatic acknowledgment with piggybacking
The receiver can fill the ACK packet with data. To do so, the receiver must fill the TX FIFO
with the payload it must transmit and the bitfield PIGGYBACKING of PROTOCOL[1] register
must be set.
Automatic retransmission
If the transmitter does not receive the ACK packet, it can be configured to do another
transmission. This operation can be repeated up to 15 times. To configure how many times
this operation must be performed, the field NMAX_RETX of the PROTOCOL[2] register is
used.
9.8
Data modes
Direct modes are primarily intended to completely bypass all the framer/deframer
operations, in order to give the user maximum flexibility in the choice of frame formats,
controlled by the field TXSOURCE of the PCKTCTRL1 register. In particular:
TXSOURCE =
●
0 - normal modes
●
1 - direct through FIFO: payload bytes are continuously read from the TX FIFO and
transmitted without any processing (no preamble, no sync, no coding, etc.). It is the
responsibility of the microcontroller to avoid any underflow conditions on the TX FIFO.
●
2 - direct through GPIO: payload bits are continuously read from one of the GPIO ports
and transmitted without any processing (no preamble, no sync, no coding, etc.). To
allow the synchronization of an external data source, a data clock signal is also
provided on one of the GPIO ports. Data are sampled by the device on the rising edge
of such clock signal; it is the responsibility of the external data source to provide a
stable input at this edge.
●
3 - PN9 mode: a pseudo-random binary sequence is generated internally. This mode is
provided for test purposes only.
To improve flexibility, the entire packet related functions can be bypassed and the device can
operate in one of the following direct modes, controlled by the field RXMODE of
PCKTCTRL3. In particular:
RXMODE =
●
0 - normal modes
●
1 - direct through FIFO: payload bytes are continuously received and written to the RX
FIFO without any processing (no preamble search, no sync, no decoding, etc.). It is the
responsibility of the microcontroller to avoid any overflow conditions on the RX FIFO.
●
2 - direct through GPIO: payload bits are continuously written to one of the GPIO ports
without any processing (no preamble search, no sync, no decoding, etc.). To allow the
synchronization of an external data sink, a data clock signal is also provided on one of
the GPIO ports. Data are updated by the device on the rising edge of such clock signal
so the MCU must read it during falling edge of CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com