Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 43Page - STMicroelectronics SPIRIT1 Datasheet HTML 44Page - STMicroelectronics SPIRIT1 Datasheet HTML 45Page - STMicroelectronics SPIRIT1 Datasheet HTML 46Page - STMicroelectronics SPIRIT1 Datasheet HTML 47Page - STMicroelectronics SPIRIT1 Datasheet HTML 48Page - STMicroelectronics SPIRIT1 Datasheet HTML 49Page - STMicroelectronics SPIRIT1 Datasheet HTML 50Page - STMicroelectronics SPIRIT1 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
SPIRIT1
Transmission and reception
Doc ID 022758 Rev 3
47/94
If the center frequency is above the frequency threshold for that frequency band, VCO_H
must be selected by setting the bit 1 VCO_ H _SEL field in the SYNTH_CONFIG register.
The user must make sure that actual frequency programming is inside the specified
frequency range. The accuracy of the offset is about 99 Hz for the 26 MHz reference and
about 198 Hz for the 52 MHz reference.
9.3
RX timeout management
In SPIRIT1, the RX state is specifically time monitored in order to minimize power
consumption. This is done by a RX timeout approach, which aborts the reception after TRX
timeout expiration. The timer used to control RX timeout is controlled by the registers
RX_TIMEOUT_PRESCALER and RX_TIMEOUT_COUNTER . However, to avoid the
reception to be interrupted during a valid packet, a number of options to stop the timeout
timer are available for the user. They are based on the received signal quality indicators (see
Section 9.7 for a full description of them):
●
CS valid
●
SQI valid
●
PQI valid
More specifically, both 'AND' or 'OR' boolean relationships among any of them can be
configured. This is done using the selection bit RX_TIMEOUT_AND_OR_SELECT in
PCKT_FLT_OPTIONS register. To choose which of the quality indicators should be taken
into account in the AND/OR Boolean relationship, the user should use the mask bits
available in the PROTOCOL[2] register.
The full true-table including any logical AND/OR among such conditions is reported in
Table 26.
Table 25.
Frequency threshold
Frequency threshold for each band (MHz)(1)
1.
By default, the VCO_H is selected.
Very low band
Low band
Middle band
High band
161281250
322562500
430083334
860166667
Table 26.
RX timeout stop condition configuration
RX_TIMEOUT_
AND_OR_SELECT
CS_TIMEOUT_MASK
SQI_TIMEOUT
_MASK
PQI_TIMEOUT_M
ASK
Description
0
0
0
0
No timeout stop
10
0
0
Timeout always stopped
(default)
X
1
0
0
RSSI above threshold
X
0
1
0
SQI above threshold
X
0
0
1
PQI above threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com