Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 41Page - STMicroelectronics SPIRIT1 Datasheet HTML 42Page - STMicroelectronics SPIRIT1 Datasheet HTML 43Page - STMicroelectronics SPIRIT1 Datasheet HTML 44Page - STMicroelectronics SPIRIT1 Datasheet HTML 45Page - STMicroelectronics SPIRIT1 Datasheet HTML 46Page - STMicroelectronics SPIRIT1 Datasheet HTML 47Page - STMicroelectronics SPIRIT1 Datasheet HTML 48Page - STMicroelectronics SPIRIT1 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
SPIRIT1
Transmission and reception
Doc ID 022758 Rev 3
45/94
Figure 8.
Output power ramping configuration
The set of 8 levels is used to shape the ASK signal. In this case, the modulator works as a
counter that counts up when transmitting a one and down when transmitting a zero. The
counter counts at a rate equal to 8 times the symbol rate (in this case, the field
PA_RAMP_STEP_WIDTH is not used). This counter value is used as an index for the
lookup in the levels table in Figure 8 to associate the relevant POUT value. Therefore, in
order to utilize the whole table, PA_LEVEL_MAX_INDEX should be 7 when ASK is active.
The real shaping of the ASK signal is dependent on the configuration of the PA_LEVEL_x
registers. Figure 8 shows some examples of ASK shaping.
For OOK modulation, the signal is abruptly switched between two levels only, these are
PA_LEVEL_0 and PA_LEVEL_x, with x=PA_LEVEL_MAX INDEX.
The 2-bit CWC field in the PA_POWER register bank can be used to tune the internal
capacitive load of the PA (up to 3.6 pF in steps of 1.2 pF) in order to optimize the
performance at different frequencies.
9.2
RF channel frequency settings
RF channels can be defined using the CHSPACE and CHNUM registers.
The channel center frequency can be programmed as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com