Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 3Page - STMicroelectronics SPIRIT1 Datasheet HTML 4Page - STMicroelectronics SPIRIT1 Datasheet HTML 5Page - STMicroelectronics SPIRIT1 Datasheet HTML 6Page - STMicroelectronics SPIRIT1 Datasheet HTML 7Page - STMicroelectronics SPIRIT1 Datasheet HTML 8Page - STMicroelectronics SPIRIT1 Datasheet HTML 9Page - STMicroelectronics SPIRIT1 Datasheet HTML 10Page - STMicroelectronics SPIRIT1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
SPIRIT1
Description
Doc ID 022758 Rev 3
7/94
1
Description
The SPIRIT1 is a very low-power RF transceiver, intended for RF wireless applications in
the sub-1 GHz band. It is designed to operate both in the license-free ISM and SRD
frequency bands at 169, 315, 433, 868, and 915 MHz, but can also be programmed to
operate at other additional frequencies in the 300-348 MHz, 387-470 MHz, and 779-956
MHz bands. The air data rate is programmable from 1 to 500 kbps, and the SPIRIT1 can be
used in systems with channel spacing of 12.5/25 kHz, complying with the EN 300 220
standard. It uses a very small number of discrete external components and integrates a
configurable baseband modem, which supports data management, modulation, and
demodulation. The data management handles the data in the proprietary fully
programmable packet format also allows the M-Bus standard compliance format (all
performance classes).
However, the SPIRIT1 can perform cyclic redundancy checks on the data as well as FEC
encoding/decoding on the packets. The SPIRIT1 provides an optional automatic
acknowledgement, retransmission, and timeout protocol engine in order to reduce overall
system costs by handling all the high-speed link layer operations.
Moreover, the SPIRIT1 supports an embedded CSMA/CA engine. An AES 128-bit
encryption co-processor is available for secure data transfer. The SPIRIT1 fully supports
antenna diversity with an integrated antenna switching control algorithm. The SPIRIT1
supports different modulation schemes: 2-FSK, GFSK, OOK, ASK, and MSK.
Transmitted/received data bytes are buffered in two different three-level FIFOs (TX FIFO
and RX FIFO), accessible via the SPI interface for host processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com