Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 35Page - STMicroelectronics SPIRIT1 Datasheet HTML 36Page - STMicroelectronics SPIRIT1 Datasheet HTML 37Page - STMicroelectronics SPIRIT1 Datasheet HTML 38Page - STMicroelectronics SPIRIT1 Datasheet HTML 39Page - STMicroelectronics SPIRIT1 Datasheet HTML 40Page - STMicroelectronics SPIRIT1 Datasheet HTML 41Page - STMicroelectronics SPIRIT1 Datasheet HTML 42Page - STMicroelectronics SPIRIT1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
SPIRIT1
Block description
Doc ID 022758 Rev 3
39/94
The SPIRIT1 is provided with an automatic and very fast calibration procedure for the
frequency synthesizer. If not disabled, it is performed each time the SYNTH is required to
lock to the programmed RF channel frequency (i.e. from READY to LOCK/TX/RX or from
RX to TX and vice versa). Calibration time is 54 µs.
After completion, the calibration word is used automatically by the SPIRIT1 and is stored in
the RCO_VCO_CALIBR_OUT[1:0] registers.
In order to get the synthesizer locked when the calibration procedure is not enabled, the
correct calibration words to be used must be previously stored in the
RCO_VCO_CALIBR_IN[2:0] registers using VCO_CALIBR_TX and VCO_CALIBR_RX
fields for TX and RX modes respectively.
The advantage of performing an offline calibration is that the LOCK/setting time is roughly
20 µs (using proper VCO_CALIBR_TX/RX register values).
It recommended set the T split time at the longest value (3.47 ns) to facilitate the calibrator
operation, SEL_TSPLIT field of the register SYNTH_CONFIG[0] (register address 0x9F) at
1.
If calibration is enabled, the LOCK/setting time is approximately 80 µs.
8.6
RCO: features and calibration
The SPIRIT1 contains an ultra-low power RC oscillator capable of generating 34.7 kHz with
both 24 MHz and 26 MHz; the RC oscillator frequency is calibrated comparing it against the
digital domain clock fCLK divided by 692 or 750, respectively. The configuration bit, called
24_26MHz_SELECT in the ANA_FUNC_CONF register, contains the information of the
calibrator about the frequency of the crystal under operation. If the digital domain clock is 25
MHz, the setting of the configuration bit 24_26MHz_SELECT will calibrate the low power RC
oscillator according to the following table:
795.3
806.0
010
806.0
817.0
011
817.0
827.7
100
827.7
838.3
101
838.3
849.2
110
849.2
860.2
111
860.2
872.0
000
872.0
883.8
001
883.8
895.8
010
908.0
919.8
100
919.8
932.0
101
932.0
943.8
110
943.8
956.0
111
Table 22.
CP word look-up (continued)
Channel frequency
WCP [2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com