Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 13Page - STMicroelectronics SPIRIT1 Datasheet HTML 14Page - STMicroelectronics SPIRIT1 Datasheet HTML 15Page - STMicroelectronics SPIRIT1 Datasheet HTML 16Page - STMicroelectronics SPIRIT1 Datasheet HTML 17Page - STMicroelectronics SPIRIT1 Datasheet HTML 18Page - STMicroelectronics SPIRIT1 Datasheet HTML 19Page - STMicroelectronics SPIRIT1 Datasheet HTML 20Page - STMicroelectronics SPIRIT1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
SPIRIT1
Characteristics
Doc ID 022758 Rev 3
17/94
RXSENS
Sensitivity, 1% PER (packet
length = 20 bytes) FEC
DISABLED
433MHz 2-FSK 1.2 kbps (1 kHz
dev. CH Filter=6 kHz)
-117
dBm
433MHz 2-GFSK (BT=1) 1.2 kbps
(4.8 kHz dev. CH Filter=58 kHz)
-103
dBm
433MHz 2-GFSK (BT=1) 38.4
kbps (20 kHz dev. CH Filter=100
kHz)
-103
dBm
433MHz 2-GFSK (BT=1) 250
kbps (127 kHz dev. CH Filter=540
kHz)
-92
dBm
Sensitivity, 1% PER (packet
length = 20 bytes) FEC
DISABLED
868MHz 2-FSK 1.2 kbps (1 kHz
dev. CH Filter=6 kHz)
-118
dBm
868MHz 2-GFSK (BT=1) 1.2 kbps
(4.8 kHz dev. CH Filter=58 kHz)
-109
dBm
868MHz 2-GFSK (BT=1) 38.4
kbps (20 kHz dev. CH Filter=100
kHz)
-106
dBm
868MHz GFSK (BT=1) 250 kbps
(127 kHz dev. CH Filter=540 kHz)
-97
dBm
868MHz MSK 250 kbps (CH
Filter=540 kHz)
-95
dBm
Sensitivity, 1% PER (packet
length = 20 bytes) FEC
DISABLED
915MHz 2-FSK 1.2 kbps (4.8 kHz
dev. CH Filter=58 kHz)
-107
dBm
915MHz 2-FSK 38.4 kbps (20 kHz
dev. CH Filter =100 kHz)
-105
dBm
915MHz 2-FSK 250 kbps (127
kHz dev. CH Filter=540 kHz)
-98
dBm
915MHz MSK 500 kbps (CH
Filter=800 kHz)
-95
dBm
Sensitivity, 1% PER (packet
length = 20 bytes) FEC
DISABLED
922MHz 2-FSK 1.2 kbps (4.8 kHz
dev. CH Filter=58 kHz)
-108
dBm
922MHz 2-FSK 38.4 kbps (20 kHz
dev. CH Filter =100 kHz)
-101
dBm
922MHz 2-FSK 250 kbps (127
kHz dev. CH Filter=540 kHz)
-90
dBm
922MHz MSK 500 kbps (CH
Filter=800 kHz)
-86
dBm
Table 10.
RF receiver characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com