Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 10Page - STMicroelectronics SPIRIT1 Datasheet HTML 11Page - STMicroelectronics SPIRIT1 Datasheet HTML 12Page - STMicroelectronics SPIRIT1 Datasheet HTML 13Page - STMicroelectronics SPIRIT1 Datasheet HTML 14Page - STMicroelectronics SPIRIT1 Datasheet HTML 15Page - STMicroelectronics SPIRIT1 Datasheet HTML 16Page - STMicroelectronics SPIRIT1 Datasheet HTML 17Page - STMicroelectronics SPIRIT1 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
Characteristics
SPIRIT1
14/94
Doc ID 022758 Rev 3
6
Characteristics
6.1
General characteristics
6.2
Electrical specifications
6.2.1
Electrical characteristics
Characteristics measured over recommended operating conditions unless otherwise
specified. Typical values are referred to TA = 25 °C, VBAT = 3.0 V. All performance is referred
to a 50 Ohm antenna connector, via the reference design.
Table 7.
General characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
FREQ
Frequency range
150
-
174
MHz
300
348
MHz
387
470
MHz
779
956
MHz
DR
Air data rate for each modulation scheme
Optional Manchester and 3 out of 6 encoding/decoding can be selected
2-FSK
1
-
500
kBaud
GMSK (BT=1, BT=0.5)
1
500
kBaud
GFSK (BT=1, BT=0.5)
1
500
kBaud
MSK
1
500
kBaud
OOK/ASK
1
250
kBaud



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com