Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 24Page - STMicroelectronics SPIRIT1 Datasheet HTML 25Page - STMicroelectronics SPIRIT1 Datasheet HTML 26Page - STMicroelectronics SPIRIT1 Datasheet HTML 27Page - STMicroelectronics SPIRIT1 Datasheet HTML 28Page - STMicroelectronics SPIRIT1 Datasheet HTML 29Page - STMicroelectronics SPIRIT1 Datasheet HTML 30Page - STMicroelectronics SPIRIT1 Datasheet HTML 31Page - STMicroelectronics SPIRIT1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
Operating modes
SPIRIT1
28/94
Doc ID 022758 Rev 3
STANDBY, and LOCKRX/LOCKTX), which can be left only if any other command is used. All
other states are transient, which means that, in a typical configuration, the controller
remains in those states, at most for any timeout timer duration. Also the READY and LOCK
states behave as transients when they are not directly accessed with the specific commands
(for example, when LOCK is temporarily used before reaching the TX or RX states).
Note:
Response time SHUTDOWN to READY is ~650 µs.
READY state is the default state after the power-on reset event. In the steady condition, the
XO is settled and usable as the time reference for RCO calibration, for frequency synthesis,
and as the system clock for the digital circuits.
The TX and RX modes can be activated directly by the MCU using the TX and RX
commands, or automatically if the state machine wakes up from SLEEP mode and some
previous TX or RX is pending. The values are intend to a VCO manual calibration.
In LOCK state the synthesizer is in a locking condition(a). If LOCK state is reached using
either one of the two specific commands (LOCKTX or LOCKRX), the state machine remains
in LOCK state and waits for the next command. This feature can be used by the MCU to
perform preliminary calibrations, as the MCU can read the calibration word in the
RCO_VCO_CALIBR_OUT register and store it in a non-volatile memory, and after that it
requires a further tuning cycle.
When TX is activated by the TX command, the state machine goes into TX state and
remains there until the current packet is fully transmitted or, in the case of direct mode TX,
TXFIFO underflow condition is reached or the SABORT command is applied.
STATE[6:0] is a field of the register MC_STATE. All others values of STATE[6:0] are invalid.
Table 17.
States
STATE[6:0]
State/mode
Digital LDO
SPI
Xtal
RF
Synth.
Wake-up
timer
Response time
to(1)
TX
RX
-
SHUTDOWN
OFF (register
contents lost)
Off
Off
Off
Off
NA
NA
0x40
STANDBY
ON (FIFO and
register
contents
retained)
On
Off
Off
Off
125 µs
125 µs
0x36
SLEEP
On
Off
Off
On
125 µs
125 µs
0x03
READY (Default)
On
On
Off
Don’t care
50 µs
50 µs
0x0F
LOCK
On
On
On
Don’t care
NA
NA
0x33
RX
On
On
On
Don’t care
15 µs
NA
0x5f
TX
On
On
On
Don’t care
NA
15 µs
1.
These values are crystal dependent. The values are referred to 52 MHz.
a.
LOCK state is reached when one of the following events occurs first: lock detector assertion or locking timeout
expiration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com