Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 36Page - STMicroelectronics SPIRIT1 Datasheet HTML 37Page - STMicroelectronics SPIRIT1 Datasheet HTML 38Page - STMicroelectronics SPIRIT1 Datasheet HTML 39Page - STMicroelectronics SPIRIT1 Datasheet HTML 40Page - STMicroelectronics SPIRIT1 Datasheet HTML 41Page - STMicroelectronics SPIRIT1 Datasheet HTML 42Page - STMicroelectronics SPIRIT1 Datasheet HTML 43Page - STMicroelectronics SPIRIT1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
Block description
SPIRIT1
40/94
Doc ID 022758 Rev 3
By default, the calibration is disabled at reset to avoid using an out-of-range reference
frequency (for instance, when the XTAL is 26 MHz and the digital divider is active, in fact, by
default). After the internal clock divider is correctly configured, the user can enable the RCO
calibration in the PROTOCOL[2] register.
8.6.1
RC oscillator calibration
RC oscillator calibration is enabled when bit RCO_CALIBRATION is set in the
PROTOCOL[2] register (by default the calibration is disabled). The calibration words found
by the calibration algorithm are accessible in the RCO_VCO_CALIBR_OUT[1:0] registers
(fields RWT_OUT[3:0] and RFB_OUT[4:0],).
When the calibration is disabled, the frequency of the RC oscillator is set by a couple of
configuration words, namely RWT_IN[3:0] and RFB_IN[4:0], in the
RCO_VCO_CALIBR_IN[2:0] registers (fields RWT_IN[3:0] and RFB_IN[4:0]). RWT_IN[3:0]
can range from 0 up to 13 (decimal value) affecting the raw value of the frequency, while the
more accurate and fine control is up to RFB_IN[4:0] (ranging from 1 up to 31).
8.7
AFC
The SPIRIT1 implements an automatic frequency compensation algorithm to balance
TX/RX crystal frequency inaccuracies. The receiver demodulator estimates the centre of the
received data and compensates the offset between nominal and receiver frequency.
The tracking range of the algorithm is programmable and is a fraction of the receive channel
bandwidth. Frequency offset compensation is supported for 2-FSK, GFSK, and MSK
modulation.
When the relative frequency error between transmitter and receiver is less than half the
modulation bandwidth, the AFC corrects the frequency error without needing extra
bandwidth. When the frequency error exceeds BWmod/2, some extra bandwidth is needed
to assure proper AFC operation under worst-case conditions. The AFC can be disabled if
the TX/RX frequency misalignment is negligible with respect to the receiver bandwidth, for
example, when using a TCXO.
8.8
Receiver
The SPIRIT1 contains a low-power low-IF receiver which is able to amplify the input signal
and provide it to the ADC with a proper signal to noise ratio. The RF antenna signal is
converted to a differential one by an external balun, which performs an impedance
transformation also. The receiver gain can be programmed to accommodate the ADC input
Table 23.
RC calibrated speed
Digital domain clock
24_26MHz_SELECT
RC calibrated speed
24 MHz
0
34.7 kHz
26 MHz
1
34.7 kHz
25 MHz
0
36.1 kHz
25 MHz
1
33.3 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com