Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 59Page - STMicroelectronics SPIRIT1 Datasheet HTML 60Page - STMicroelectronics SPIRIT1 Datasheet HTML 61Page - STMicroelectronics SPIRIT1 Datasheet HTML 62Page - STMicroelectronics SPIRIT1 Datasheet HTML 63Page - STMicroelectronics SPIRIT1 Datasheet HTML 64Page - STMicroelectronics SPIRIT1 Datasheet HTML 65Page - STMicroelectronics SPIRIT1 Datasheet HTML 66Page - STMicroelectronics SPIRIT1 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
SPIRIT1
Transmission and reception
Doc ID 022758 Rev 3
63/94
9.10.2
Carrier sense
The carrier sense functionality can be used to detect if any signal is being received, the
detection is based on the measured RSSI value. There are 2 operational modes for carrier
sensing: static and dynamic.
When static carrier sensing is used (CS_MODE = 0), the carrier sense signal is asserted
when the measured RSSI is above the value specified in the RSSI_TH register and is de-
asserted when the RSSI falls 3 dB below the same threshold.
When dynamic carrier sense is used (CS_MODE = 1, 2, 3), the carrier sense signal is
asserted if the signal is above the threshold and a fast power increase of 6, 12, or 18 dB is
detected; it is de-asserted if a power fall of the same amplitude is detected.
The carrier sense signal is also used internally for the demodulator to start the AFC and
timing recovery algorithms and for the CSMA procedure (for this use it should be set to
cs_mode = 0).
The carrier sense function is controlled by the following parameters:
RSSI threshold: this parameter sets the minimum signal power above which the carrier
sense signal is asserted (RSSI_TH register).
CS mode: this parameter controls the carrier sense operational modes (RSSI_FLT register,
allowed values 0...3):
●
CS_MODE = 0 static carrier sensing
●
CS_MODE = 1 dynamic carrier sensing with 6 dB dynamic threshold
●
CS_MODE = 2 dynamic carrier sensing with 12 dB dynamic threshold
●
CS_MODE = 3 dynamic carrier sensing with 18 dB dynamic threshold.
9.10.3
LQI
The link quality indicator is a 4-bit value available through the LINK_QUALIF[0] register. Its
value depends on the noise power on the demodulated signal. The lower the value, the
noisier the signal. Be aware that comparing LQI values measured with different modulation
formats or data rate may lead to inconsistent results.
9.10.4
PQI
The preamble quality indicator (PQI) is intended to provide a measurement of the reliability
of the preamble detection phase.
This indicator counts the number of consecutive bit inversions in the received data stream.
The PQI ranges from 0 to 255. It is increased by 1 every time a bit inversion occurs, while it
is decreased by 4 every time a bit repetition occurs.
It is possible to set a preamble quality threshold in such a way that, if PQI is below the
threshold, the packet demodulation is automatically aborted at/after a timeout after the start
of RX.
If the preamble quality indicator check is enabled (field PQI_EN of the QI register set to '1'),
the running peak PQI is compared to a threshold value and the preamble valid IRQ is
asserted as soon as the threshold is passed. The preamble quality threshold is 4×PQI_TH
(PQI_TH = 0...15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com