Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 61Page - STMicroelectronics SPIRIT1 Datasheet HTML 62Page - STMicroelectronics SPIRIT1 Datasheet HTML 63Page - STMicroelectronics SPIRIT1 Datasheet HTML 64Page - STMicroelectronics SPIRIT1 Datasheet HTML 65Page - STMicroelectronics SPIRIT1 Datasheet HTML 66Page - STMicroelectronics SPIRIT1 Datasheet HTML 67Page - STMicroelectronics SPIRIT1 Datasheet HTML 68Page - STMicroelectronics SPIRIT1 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
SPIRIT1
Transmission and reception
Doc ID 022758 Rev 3
65/94
The algorithm is controlled by the following parameters:
●
AS_MEAS_TIME: this parameter controls the time interval for RSSI measurement
(ANT_SELECT_CONF register, allowed values 0...7). The actual measurement time is:
Equation 11
●
AS_ENABLE: this parameter enables the antenna switching function
(ANT_SELECT_CONF register: 0: disabled; 1: enabled).
9.12
Frequency hopping
In order to ensure good link reliability in an interference corrupted scenario, the device
supports frequency hopping, managed by the MCU; in particular, the SPIRIT1 supports
slow frequency hopping, meaning that the systems change frequency at a rate slower than
the information rate.
Depending on the desired blanking interval (the time during a hop), frequency hopping can
be done by performing the complete PLL calibration for each channel hop, or reading in the
suitable register calibration data calculated at startup and stored in the non-volatile memory
of the MCU. The former solution gives a long blanking interval but is more robust compared
with supply voltage and temperature variation. The latter provides a shorter blanking time
but is sensitive to voltage and temperature variation and requires memory space to store
calibration data for each channel involved in hopping.
T
meas
24
2
CHFLT_E
2
AS_meas_time
⋅⋅
f
XO
----------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com