Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 83 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 79Page - STMicroelectronics SPIRIT1 Datasheet HTML 80Page - STMicroelectronics SPIRIT1 Datasheet HTML 81Page - STMicroelectronics SPIRIT1 Datasheet HTML 82Page - STMicroelectronics SPIRIT1 Datasheet HTML 83Page - STMicroelectronics SPIRIT1 Datasheet HTML 84Page - STMicroelectronics SPIRIT1 Datasheet HTML 85Page - STMicroelectronics SPIRIT1 Datasheet HTML 86Page - STMicroelectronics SPIRIT1 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
SPIRIT1
Register table
Doc ID 022758 Rev 3
83/94
PCKT_FLT_GOALS[2]
0x4C
7:0
BROADCAST
0
R/W Broadcast address
PCKT_FLT_GOALS[1]
0x4D
7:0
MULTICAST
0
R/W Multicast address
PCKT_FLT_GOALS[0]
0x4E
7:0
TX_SOURCE_ADDR
0
R/W
TX packet source / RX packet
destination fields
PCKT_FLT_OPTIONS
0x4F
7
Reserved
0
R/W
6
RX_TIMEOUT_AND_
OR_SELECT
1
1: ‘OR’ logical function applied
to CS/SQI/PQI values
(masked by 7:5 bits in
PROTOCOL register:
CS_TIMEOUT_MASK,
SQI_TIMEOUT_MASK,
PQI_TIMEOUT_MASK)
5
CONTROL_FILTERIN
G
1
1: RX packet accepted if its
control fields match with
masked CONTROLx_FIELD
registers
4
SOURCE_FILTERING
1
1: RX packet accepted if its
source field matches with
masked RX_SOURCE_ADDR
register
3
DEST_VS_ SOURCE
_ADDR
0
1: RX packet accepted if its
destination address matches
with TX_SOURCE_ADDR
reg.
2
DEST_VS_MULTICAS
T_ADDR
0
1: RX packet accepted if its
destination address matches
with MULTICAST register
1
DEST_VS_
BROADCAST_ADDR
0
1: RX packet accepted if its
destination address matches
with BROADCAST register.
0
CRC_CHECK
0
1: packet discarded if CRC not
valid.
Table 40.
Packet/protocol configuration registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com