Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 25Page - STMicroelectronics SPIRIT1 Datasheet HTML 26Page - STMicroelectronics SPIRIT1 Datasheet HTML 27Page - STMicroelectronics SPIRIT1 Datasheet HTML 28Page - STMicroelectronics SPIRIT1 Datasheet HTML 29Page - STMicroelectronics SPIRIT1 Datasheet HTML 30Page - STMicroelectronics SPIRIT1 Datasheet HTML 31Page - STMicroelectronics SPIRIT1 Datasheet HTML 32Page - STMicroelectronics SPIRIT1 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
SPIRIT1
Operating modes
Doc ID 022758 Rev 3
29/94
After TX completion, the possible destinations are:
TX, if the persistent-TX option is enabled in the PROTOCOL configuration registers
PROTOCOL, if some protocol option (e.g. automatic re-transmission) is enabled
READY, if TX is completed and no protocol option is in progress.
Similarly, when RX is activated by the RX command, the state machine goes into RX state
and remains there until the packet is successfully received or the RX timeout expires. In
case of direct mode RX, the RX stops when the RXFIFO overflow condition is reached or
the SABORT command is applied. After RX completion, the possible destinations are:
RX, if the persistent-RX option is enabled in the PROTOCOL configuration registers
PROTOCOL, if some protocol option (e.g. automatic acknowledgement) is enabled
READY, if RX is completed and the LDCR mode is not active
SLEEP, if RX is completed and the LDCR mode is active.
The SABORT command can always be used in TX or RX state to break any deadlock
condition and the subsequent destination depends on SPIRIT1 programming according to
the description above.
Commands are used in the SPIRIT1 to change the operating mode, to enable/disable
functions, and so on. A command is sent on the SPI interface and may be followed by any
other SPI access without pulling CSn high.
The complete list of commands is reported in Table 18. Note that the command code is the
second byte to be sent on the MOSI pin (the first byte must be 0x80).
Table 18.
Commands list
Command
code
Command name
Execution state
Description
0x60
TX
READY
Start to transmit
0x61
RX
READY
Start to receive
0x62
READY
STANDBY, SLEEP,
LOCK
Go to READY
0x63
STANDBY
READY
Go to STANDBY
0x64
SLEEP
READY
Go to SLEEP
0x65
LOCKRX
READY
Go to LOCK state by using the RX configuration of the
synthesizer
0x66
LOCKTX
READY
Go to LOCK state by using the TX configuration of the
synthesizer
0x67
SABORT
TX, RX
Exit from TX or RX states and go to READY state
0x68
LDC_RELOAD
All
Reload the LDC timer with the value stored in the
LDC_PRESCALER/COUNTER registers
0x69
SEQUENCE_UPDA
TE
All
Reload the packet sequence counter with the value
stored in the PROTOCOL[2] register.
0x6A
AES Enc
All
Start the encryption routine
0x6B
AES Key
All
Start the procedure to compute the key for decryption
0x6C
AES Dec
All
Start decryption using the current key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com