Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
34
INPUT MIXER ENABLE
The WM8953 has two analogue input mixers which allow the Input PGAs and Line Inputs to be
combined in a number of ways and output to the ADCs.
The input mixers INMIXL and INMIXR are enabled by the AINL_ENA and AINR_ENA register bits, as
described in Table 9.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
AINL_ENA
(rw)
0b
Left Input Path Enable
0 = Input Path disabled
1 = Input Path enabled
R2 (02h)
8
AINR_ENA
(rw)
0b
Right Input Path Enable
0 = Input Path disabled
1 = Input Path enabled
Table 9 Input Mixer Enable
INPUT MIXER VOLUME CONTROL
The Input Mixer volume controls are described in Table 10 for the Left Channel and Table 11 for the
Right Channel. The Input PGA levels may be set to Mute, 0dB or 30dB boost. The other gain controls
provide adjustment from -12dB to +6dB in 3dB steps.
To prevent pop noise it is recommended that gain and mute controls for the input mixers are not
modified while the signal paths are active. If volume control is required on the input signal path it is
recommended that the input PGA volume controls or the ADC volume controls are used instead of
the input mixer gain registers.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
L34MNB
0b
LIN34 PGA Output to INMIXL Mute
0 = Mute
1 = Un-Mute
7
L34MNBST
0b
LIN34 PGA Output to INMIXL Gain
0 = 0dB
1 = +30dB
5
L12MNB
0b
LIN12 PGA Output to INMIXL Mute
0 = Mute
1 = Un-Mute
R41 (29h)
4
L12MNBST
0b
LIN12 PGA Output to INMIXL Gain
0 = 0dB
1 = +30dB
R43 (2Bh)
8:6
LI2BVOL
[2:0]
000b
(Mute)
LIN2 Pin to INMIXL Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
Table 10 Left Input Mixer Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com