Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 88 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 88 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 89Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 90Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 91Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 92Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
88
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:5
ADC_HPF_CUT
[1:0]
00b
ADC Digital High Pass Filter Cut-Off Frequency (fc)
00 = Hi-fi mode (fc=4Hz at fs=48kHz)
01 = Voice mode 1 (fc=127Hz at fs=16kHz)
10 = Voice mode 2 (fc=130Hz at fs=8kHz)
11 = Voice mode 3 (fc=267Hz at fs=8kHz)
(Note: fc scales with sample rate. See Table 16 for cut-off
frequencies at all supported sample rates)
4:2
000b
Reserved - Do Not Change
1
ADCL_DATINV
0b
Left ADC Invert
0 = Left ADC output not inverted
1 = Left ADC output inverted
0
ADCR_DATINV
0b
Right ADC Invert
0 = Right ADC output not inverted
1 = Right ADC output inverted
15:9
00h
Reserved - Do Not Change
8
ADC_VU
N/A
ADC Volume Update
Writing a 1 to this bit will cause left and right ADC volume to
be updated simultaneously
R15 (0Fh)
Left ADC
Digital Volume
7:0
ADCL_VOL
[7:0]
1100_
0000b
(0dB)
Left ADC Digital Volume
(See Table 14 for volume range)
15:9
00h
Reserved - Do Not Change
8
ADC_VU
N/A
ADC Volume Update
Writing a 1 to this bit will cause left and right ADC volume to
be updated simultaneously
R16 (10h)
Right ADC
Digital Volume
7:0
ADCR_VOL
[7:0]
1100_
0000b
(0dB)
Right ADC Digital Volume
(See Table 14 for volume range)
R17 (11h)
15:0
0000h
Reserved - Do Not Change
15:13
000b
Reserved - Do Not Change
12
IRQ
(ro)
Read Only
IRQ Readback
(Allows polling of IRQ status)
11
TEMPOK
(rr)
Read or
Reset
Temperature OK status
Read-
0 = Device temperature NOT ok
1 = Device temperature ok
Write -
1 = Reset TEMPOK latch
10
MICSHRT
(rr)
Read or
Reset
MICBIAS short status
Read-
0 = MICBIAS ok
1 = MICBIAS shorted
Write-
1 = Reset MICSHRT latch
R18 (12h)
GPIO Control
(1)
9
MICDET
(rr)
Read or
Reset
MICBIAS detect status
MICBIAS microphone detect Readback
Read-
0 = No Microphone detected
1 = Microphone detected
Write-
1 = Reset MICDET latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com