Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
50
The IRQ register (R18) is described in Table 30.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12
IRQ
(ro)
Read Only
IRQ Readback
(Allows polling of IRQ status)
11
TEMPOK
(rr)
Read or
Reset
Temperature OK status
Read-
0 = Device temperature NOT ok
1 = Device temperature ok
Write -
1 = Reset TEMPOK latch
10
MICSHRT
(rr)
Read or
Reset
MICBIAS short status
Read-
0 = MICBIAS ok
1 = MICBIAS shorted
Write-
1 = Reset MICSHRT latch
9
MICDET
(rr)
Read or
Reset
MICBIAS detect status
MICBIAS microphone detect Readback
Read-
0 = No Microphone detected
1 = Microphone detected
Write-
1 = Reset MICDET latch
8
PLL_LCK
(rr)
Read or
Reset
PLL Lock status
Read-
0 = PLL NOT locked
1 = PLL locked
Write-
1 = Reset PLL_LCK latch
R18 (12h)
7:0
GPIO_STATUS
[7:0]
(rr)
Read or
Reset
GPIO and GPI Input Pin Status
GPIO_STATUS[7] = GPI8 pin status
GPIO_STATUS[6] = GPI7 pin status
GPIO_STATUS[5] = Reserved
GPIO_STATUS[4] = GPIO5 status
GPIO_STATUS[3] = GPIO4 status
GPIO_STATUS[2] = GPIO3 status
GPIO_STATUS[1] = Reserved
GPIO_STATUS[0] = Reserved
R23 (17h)
GPIO
Control (2)
12
IRQ_INV
(rw)
0b
IRQ Invert
0 = IRQ output active high
1 = IRQ output active low
Table 30 GPIO Interrupt and Status Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com