Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 89Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 90Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 91Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 92Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 93Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 94Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 95Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 96Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
93
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
15:0
0022h
Reserved - Do Not Change
R32 (20h)
15:0
0079h
Reserved - Do Not Change
R33 (21h)
15:0
0079h
Reserved - Do Not Change
R34 (22h)
15:0
0003h
Reserved - Do Not Change
R35 (23h)
15:0
0003h
Reserved - Do Not Change
R36 (24h)
15:0
0055h
Reserved - Do Not Change
R37 (25h)
15:0
0100h
Reserved - Do Not Change
R38 (26h)
15:0
0079h
Reserved - Do Not Change
R39 (27h)
15:0
0000h
Reserved - Do Not Change
15:8
00h
Reserved - Do Not Change
7
LMP4
0b
LIN34 PGA Non-Inverting Input Select
0 = LIN4 not connected to PGA
1 = LIN4 connected to PGA
6
LMN3
0b
LIN34 PGA Inverting Input Select
0 = LIN3 not connected to PGA
1 = LIN3 connected to PGA
5
LMP2
0b
LIN12 PGA Non-Inverting Input Select
0 = LIN2 not connected to PGA
1 = LIN2 connected to PGA
4
LMN1
0b
LIN12 PGA Inverting Input Select
0 = LIN1 not connected to PGA
1 = LIN1 connected to PGA
3
RMP4
0b
RIN34 PGA Non-Inverting Input Select
0 = RIN4 not connected to PGA
1 = RIN4 connected to PGA
2
RMN3
0b
RIN34 PGA Inverting Input Select
0 = RIN3 not connected to PGA
1 = RIN3 connected to PGA
1
RMP2
0b
RIN12 PGA Non-Inverting Input Select
0 = RIN2 not connected to PGA
1 = RIN2 connected to PGA
R40 (28h)
Input Mixers
(2)
0
RMN1
0b
RIN12 PGA Inverting Input Select
0 = RIN1 not connected to PGA
1 = RIN1 connected to PGA
15:9
00h
Reserved - Do Not Change
8
L34MNB
0b
LIN34 PGA Output to INMIXL Mute
0 = Mute
1 = Un-Mute
7
L34MNBST
0b
LIN34 PGA Output to INMIXL Gain
0 = 0dB
1 = +30dB
6
0b
Reserved - Do Not Change
5
L12MNB
0b
LIN12 PGA Output to INMIXL Mute
0 = Mute
1 = Un-Mute
4
L12MNBST
0b
LIN12 PGA Output to INMIXL Gain
0 = 0dB
1 = +30dB
R41 (29h)
Input Mixers
(3)
3:0
0h
Reserved - Do Not Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com