Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
72
TOCLK CONTROL
A slow clock (TOCLK) is derived from SYSCLK to enable input de-bouncing and volume update
timeout functions. This clock is enabled by register bit TOCLK_ENA, and its frequency is controlled
by TOCLK_RATE, as described in Table 43.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
TOCLK_RATE
0b
Timeout Clock Rate
(Selects clock to be used for volume
update timeout and GPIO input de-
bounce)
0 = SYSCLK / 221 (Slower Response)
1 = SYSCLK / 219 (Faster Response)
R6 (06h)
14
TOCLK_ENA
0b
Timeout Clock Enable
(This clock is required for volume update
timeout and GPIO input de-bounce)
0 = disabled
1 = enabled
Table 43 TOCLK Control
USB MODE
It is possible to reduce power consumption by disabling the PLL in some applications. One such
application is when SYSCLK is generated from a 12MHz USB clock source. Setting the
AIF_LRCLKRATE bit as described earlier (see “ADC Sample Rates”) allows a sample rate close to
44.1kHz to be generated with no additional PLL power consumption.
In this configuration, SYSCLK must be driven directly from MCLK and by disabling the PLL. This is
achieved by setting SYSCLK_SRC=0, PLL_ENA=0.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
10
AIF_LRCLKRATE
0b
LRCLK Rate
0 = Normal mode (256 * fs)
1 = USB mode (272 * fs)
Table 44 USB Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com