Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
27
The gain of the input PGAs is controlled via register settings. Note that the input impedance of LIN1,
LIN3, RIN1 and RIN3 changes with the input PGA gain setting, as described under “Electrical
Characteristics”. (Note this does not apply to input paths which bypass the input PGA.) The input
impedance of LIN2, LIN4, RIN2 and RIN4 does not change with input PGA gain. The inverting and
non-inverting inputs are therefore not matched and the differential configuration is not fully
differential.
Figure 15 Single-Ended Microphone Input
Figure 16 Differential Microphone Input
LINE INPUTS
All eight analogue input pins may be configured as line inputs with up to six single-ended inputs
available, and up to four pseudo differential inputs.
LIN1, LIN3, RIN1 and RIN3 can operate as single-ended line inputs to the Input PGAs to provide
high gain if required for small input signals. In this configuration the non-inverting input of the PGAs
should be internally connected to Vmid.
LIN2 and RIN2 can operate as line inputs to the Input PGAs LIN12 and RIN12 or directly to the input
mixers. Direct routing to the mixers minimises power consumption by reducing the number of active
amplifiers in the signal path.
LIN4 and RIN4 should only be used as part of a differential line input with LIN3 and LIN4. Up to four
differential line inputs can be connected to LIN1+LIN2, LIN3+LIN4, RIN1+RIN2 and RIN3+RIN4.
Figure 17 LIN1, RIN1, LIN3 or RIN3 as Line Inputs
Figure 18 LIN2 or RIN2 as Line Inputs
Figure 19 Differential Line Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com