Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
71
BCLK CONTROL
In Master Mode, BCLK is derived from SYSCLK via a programmable division set by BCLK_DIV, as
described in Table 41. BCLK_DIV must be set to an appropriate value to ensure that there are
sufficient BCLK cycles to transfer the complete data words from the ADCs.
In Slave Mode, BCLK is generated externally and appears as an input to the ADC. The host device
must provide sufficient BCLK cycles to transfer complete data words from the ADCs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
4:1
BCLK_DIV
[3:0]
0100b
BCLK Frequency (Master Mode)
0000 = SYSCLK
0001 = SYSCLK / 1.5
0010 = SYSCLK / 2
0011 = SYSCLK / 3
0100 = SYSCLK / 4
0101 = SYSCLK / 5.5
0110 = SYSCLK / 6
0111 = SYSCLK / 8
1000 = SYSCLK / 11
1001 = SYSCLK / 12
1010 = SYSCLK / 16
1011 = SYSCLK / 22
1100 = SYSCLK / 24
1101 = SYSCLK / 32
1110 = SYSCLK / 44
1111 = SYSCL:K / 48
Table 41 BCLK Control
OPCLK CONTROL
A clock output (OPCLK) derived from SYSCLK may be output via GPIO3, GPIO4 or GPIO5. This
clock is enabled by register bit OPCLK_ENA, and its frequency is controlled by OPCLKDIV.
This output of this clock is also dependent upon the GPIO register settings described under “General
Purpose Input/Output”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
12:9
OPCLKDIV
[3:0]
0000b
GPIO Output Clock Divider
0000 = SYSCLK
0001 = SYSCLK / 2
0010 = SYSCLK / 3
0011 = SYSCLK / 4
0100 = SYSCLK / 5.5
0101 = SYSCLK / 6
0110 = SYSCLK / 8
0111 = SYSCLK / 12
1000 = SYSCLK / 16
1001 to 1111 = Reserved
R2 (02h)
11
OPCLK_ENA
(rw)
0b
GPIO Clock Output Enable
0 = disabled
1 = enabled
Table 42 OPCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com