Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
12
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the maximum theoretical full scale
output signal and the output with no input signal applied.
2.
Total Harmonic Distortion (dB) – THD is the level of the rms value of the sum of harmonic distortion products relative
to the amplitude of the measured output signal.
3.
Total Harmonic Distortion plus Noise (dB) – THD+N is the level of the rms value of the sum of harmonic distortion
products plus noise in the specified bandwidth relative to the amplitude of the measured output signal.
4.
Crosstalk (L/R) (dB) – left-to-right and right-to-left channel crosstalk is the measured signal level in the idle channel at
the test signal frequency relative to the signal level at the output of the active channel. The active channel is
configured and supplied with an appropriate input signal to drive a full scale output, with signal measured at the
output of the associated idle channel. For example, measured signal level on the output of the idle right channel
(RIN2 to ADCR) with a full scale signal level at the output of the active left channel (LIN1 to ADCL).
5.
Multi-Path Channel Separation (dB) – is the measured signal level in the idle path at the test signal frequency relative
to the signal level at the output of the active path. The active path is configured and supplied with an appropriate input
signal to drive a full scale output, with signal measured at the output of the specified idle path.
6.
All performance measurements carried out with 20kHz low pass filter, and where noted an A-weighted filter. Failure to
use such a filter will result in higher THD and lower SNR readings than are found in the Electrical Characteristics. The
low pass filter removes out of band noise; although it is not audible it may affect dynamic specification values.
7.
Mute Attenuation – This is a measure of the difference in level between the full scale output signal and the output with
mute applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com