Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
42
GPIO CONTROL REGISTERS
Register bit AIF_TRIS, when set, tri-states all audio interface and GPIO pins.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
13
AIF_TRIS
0b
Audio Interface and GPIO Tristate
0 = Audio interface and GPIO pins
operate normally
1 = Tristate all audio interface and GPIO
pins
Table 20 GPIO and GPI Pin Function Select
The GPIO pins are also controlled by the register fields described in Table 21. Note the order of
precedence described earlier applies.
Pull-up and pull-down resistors may be enabled on any of GPIO3, GPIO4 or GPIO5. If enabled,
these settings take precedence over all other GPIO selections for that pin. Note that, by default, the
pull-down resistors on GPIO3, GPIO4 and GPIO5 are enabled.
When the GPIO pins are used as inputs, de-bounce and interrupt masking may be controlled on all
GPIO pins (including GPI7 and GPI8) using GPIOn_DEB_ENA and GPIOn_IRQ_ENA bits as shown
in Table 22.
For each of GPIO3, GPIO4 and GPIO5, the register field GPIOn_SEL is used to select the pin
functions of the individual GPIO pins as shown in Table 22. Note that this control has the lowest
precedence and is only effective when GPIOn_PU, GPIOn_PD and AIF_TRIS are set to allow GPIO
functionality on that GPIO pin.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
GPIO4_DEB_ENA
0b
14
GPIO4_IRQ_ENA
0b
13
GPIO4_PU
0b
12
GPIO4_PD
1b
11:8
GPIO4_SEL[3:0]
0000b
See Table 22 for GPIO4 control bit
description
7
GPIO3_DEB_ENA
0b
6
GPIO3_IRQ_ENA
0b
5
GPIO3_PU
0b
4
GPIO3_PD
1b
R20 (14h)
3:0
GPIO3_SEL[3:0]
0000b
See Table 22 for GPIO3 control bit
description
7
GPIO5_DEB_ENA
0b
6
GPIO5_IRQ_ENA
0b
5
GPIO5_PU
0b
4
GPIO5_PD
1b
R21 (15h)
3:0
GPIO5_SEL[3:0]
0000b
See Table 22 for GPIO5 control bit
description
7
GPI8_DEB_ENA
0b
6
GPI8_IRQ_ENA
0b
4
GPI8_ENA
0b
See Table 22 for GPIn control bit
description
3
GPI7_DEB_ENA
0b
2
GPI7_IRQ_ENA
0b
R22 (16h)
0
GPI7_ENA
0b
See Table 22 for GPIn control bit
description
Table 21 GPIO and GPI Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com