Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
53
Details of the GPIO implementation are shown below. In order to avoid GPIO loops if a GPIO is
configured as an output the corresponding input is disabled, as shown in Figure 23 below.
Figure 23 GPIO Pad
The GPIO register, i.e. latch structure, is shown in Figure 24 below. The de-bounce Control fields
GPIOn_DEB_ENA determine whether the signal is de-bounced or not. (Note that TOCLK (via
SYSCLK) needs to be present in order for the debounce circuit to work.) The polarity bits
GPIO_POL[7:0] control whether an interrupt is triggered by a logic 1 level (for GPIO_POL[n] = 0) or a
logic 0 level (for GPIO_POL[n] = 1). The latch will cause the interrupt to be stored until it is reset by
writing to the Interrupt Register. The latched signal is processed by the IRQ circuit, shown in Figure
22 above. The interrupt status bits can be read at any time from Register R18 (see Table 30) and are
reset by writing a “1” to the applicable bit in Register R18.
Note that the interrupt behaviour is driven by level detection (not edge detection). Therefore, if an
input remains asserted after the interrupt register has been reset, then the interrupt event will be
triggered again even though no transition has occurred. If edge detection is required, this may be
implemented as described in the following paragraphs.
Figure 24 GPIO Function
Three typical scenarios are presented in the following Figure 25, Figure 26 and Figure 27. The
examples are:
•
Latch a GPIO input (Figure 25)
•
Debounce and latch a GPIO input (Figure 26)
•
Use the GPIOn_POL bit to implement an IRQ edge detect function (Figure 27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com