Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
40
The polarity of each ADC output signal can be changed under software control using the
ADCL_DATINV and ADCR_DATINV register bits. The AIFADCL_SRC and AIFADCR_SRC register
bits may be used to select which ADC is used for the left and right digital audio interface data. These
register bits are described in Table 17.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
AIFADCL_SRC
0b
Left Digital Audio channel source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
R4 (04h)
14
AIFADCR_SRC
1b
Right Digital Audio channel source
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right channel
1
ADCL_DATINV
0b
Left ADC Invert
0 = Left ADC output not inverted
1 = Left ADC output inverted
R14 (0Eh)
0
ADCR_DATINV
0b
Right ADC Invert
0 = Right ADC output not inverted
1 = Right ADC output inverted
Table 17 ADC Routing and Control
THERMAL SENSING
The WM8953 incorporates a thermal sensor in order to provide protection from overheating. The
sensor is enabled by setting TSHUT_ENA. The status of the thermal sensor can be output on a
GPIO pin and/or read from the GPIO registers. Alternatively, the temperature sensor can be
configured to cause an Interrupt event. See “General Purpose Input/Output” for further details.
Note that, if thermal shutdown is required, this must be implemented by the host processor, in
response to the thermal status indication generated by the WM8953.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
14
TSHUT_ENA
(rw)
1b
Thermal Sensor Enable
0 = Thermal sensor disabled
1 = Thermal sensor enabled
Table 18 Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com