Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 89Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
86
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
TOCLK_RATE
0b
Timeout Clock Rate
(Selects clock to be used for volume update timeout and
GPIO input de-bounce)
0 = SYSCLK / 221 (Slower Response)
1 = SYSCLK / 219 (Faster Response)
14
TOCLK_ENA
0b
Timeout Clock Enable
(This clock is required for volume update timeout and GPIO
input de-bounce)
0 = disabled
1 = enabled
13
0b
Reserved - Do Not Change
12:9
OPCLKDIV
[3:0]
0000b
GPIO Output Clock Divider
0000 = SYSCLK
0001 = SYSCLK / 2
0010 = SYSCLK / 3
0011 = SYSCLK / 4
0100 = SYSCLK / 5.5
0101 = SYSCLK / 6
0110 = SYSCLK / 8
0111 = SYSCLK / 12
1000 = SYSCLK / 16
1001 to 1111 = Reserved
8:5
1110b
Reserved - Do Not Change
4:1
BCLK_DIV
[3:0]
0100b
BCLK Frequency (Master Mode)
0000 = SYSCLK
0001 = SYSCLK / 1.5
0010 = SYSCLK / 2
0011 = SYSCLK / 3
0100 = SYSCLK / 4
0101 = SYSCLK / 5.5
0110 = SYSCLK / 6
0111 = SYSCLK / 8
1000 = SYSCLK / 11
1001 = SYSCLK / 12
1010 = SYSCLK / 16
1011 = SYSCLK / 22
1100 = SYSCLK / 24
1101 = SYSCLK / 32
1110 = SYSCLK / 44
1111 = SYSCL:K / 48
R06 (06h)
Clocking (1)
0
0b
Reserved - Do Not Change
15
0b
Reserved - Do Not Change
14
SYSCLK_SRC
0b
SYSCLK Source Select
0 = MCLK
1 = PLL output
R07 (07h)
Clocking (2)
13
CLK_FORCE
0b
Forces Clock Source Selection
0 = Existing SYSCLK source (MCLK or PLL output) must be
active when changing to a new clock source.
1 = Allows existing MCLK source to be disabled before
changing to a new clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com