Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
24
Figure 13 Typical Power up Sequence where DCVDD is Powered before AVDD
Figure 13 shows a typical power-up sequence where DCVDD comes up first. First it is assumed that
DCVDD is already up to specified operating voltage. When AVDD goes above the minimum
threshold, Vpora, there is enough voltage for the circuit to guarantee PORB is asserted low and the
chip is held in reset. In this condition, all writes to the control interface are ignored. When AVDD rises
to Vpora_on, PORB is released high and all registers are in their default state and writes to the control
interface may take place.
On power down, where DCVDD falls first, PORB is asserted low whenever DCVDD drops below the
minimum threshold Vpord_off.
SYMBOL
MIN
TYP
MAX
UNIT
Vpora
0.6
V
Vpora_on
1.52
V
Vpora_off
1.5
V
Vpord_on
0.92
V
Vpord_off
0.9
V
Table 1 Typical POR Operation (typical values, not tested)
Notes:
1.
If AVDD and DCVDD suffer a brown-out (i.e. drop below the minimum recommended operating
level but do not go below Vpora_off or Vpord_off) then the chip will not reset and will resume normal
operation when the voltage is back to the recommended level again.
2.
The chip will enter reset at power down when AVDD or DCVDD falls below Vpora_off or Vpord_off.
This may be important if the supply is turned on and off frequently by a power management
system.
3.
The minimum tpor period is maintained even if DCVDD and AVDD have zero rise time. This
specification is guaranteed by design rather than test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com