Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
9
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Pin Impedances (LIN1, LIN2, LIN3, LIN4, RIN1, RIN2, RIN3, RIN4)
LIN1, LIN3, RIN1 or RIN3
(PGA Gain = -16.5dB)
57
k
Ω
LIN1, LIN3, RIN1 or RIN3
(PGA Gain = 0dB)
33
k
Ω
LIN1, LIN3, RIN1 or RIN3
(PGA Gain = +30dB)
2
k
Ω
PGA Input Resistance
Note: this will be seen in
parallel with the
resistance of other
enabled input paths
from the same pin
LIN2, LIN4, RIN2 or RIN4
(Constant for all gains)
65
k
Ω
LIN2 or RIN2 to INMIXL or
INMIXR (-12dB)
60
k
Ω
LIN2 or RIN2 to INMIXL or
INMIXR (0dB)
15
k
Ω
Line Input Resistance
Note: this will be seen in
parallel with the
resistance of other
enabled input paths
from the same pin
LIN2 or RIN2 to INMIXL or
INMIXR (+6dB)
7.5
k
Ω
Input Capacitance
All analogue input pins
10
pF
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Programmable Gain Amplifiers (PGAs) LIN12, LIN34, RIN12 and RIN34
Minimum Programmable Gain
-16.5
dB
Maximum Programmable Gain
30
dB
Programmable Gain Step Size
Guaranteed monotonic
1.5
dB
Mute Attenuation
Inputs disconnected
90
dB
Single PGA in differential mode, gain = +30dB
60
Single PGA in differential mode, gain = 0dB
50
Common Mode Rejection Ratio
(1kHz input)
Single PGA in differential mode, gain = -16.5dB
50
dB
Input Mixers INMIXL and INMIXR
Minimum Programmable Gain
PGA Outputs to INMIXL and INMIXR
0
dB
Maximum Programmable Gain
PGA Outputs to INMIXL and INMIXR
+30
dB
Programmable Gain Step Size
PGA Outputs to INMIXL and INMIXR
30
dB
Minimum Programmable Gain
Line Inputs to INMIXL and INMIXR
-12
dB
Maximum Programmable Gain
Line Inputs to INMIXL and INMIXR
+6
dB
Programmable Gain Step Size
Line Inputs to INMIXL and INMIXR
3
dB
Mute attenuation
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com