Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 90Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 91Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 92Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 93Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 94Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 95Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 96Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 97Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
94
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15:9
00h
Reserved - Do Not Change
8
R34MNB
0b
RIN34 PGA Output to INMIXR Mute
0 = Mute
1 = Un-Mute
7
R34MNBST
0b
RIN34 PGA Output to INMIXR Gain
0 = 0dB
1 = +30dB
6
0b
Reserved - Do Not Change
5
R12MNB
0b
RIN12 PGA Output to INMIXR Mute
0 = Mute
1 = Un-Mute
4
R12MNBST
0b
RIN12 PGA Output to INMIXR Gain
0 = 0dB
1 = +30dB
R42 (2Ah)
Input Mixers
(4)
3:0
0h
Reserved - Do Not Change
15:9
00h
Reserved - Do Not Change
8:6
LI2BVOL
[2:0]
000b
LIN2 Pin to INMIXL Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
R43 (2Bh)
Input Mixers
(5)
5:0
000000b
Reserved - Do Not Change
15:9
00h
Reserved - Do Not Change
8:6
RI2BVOL
[2:0]
000b
RIN2 Pin to INMIXR Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
R44 (2Ch)
Input Mixers
(6)
5:0
000000b
Reserved - Do Not Change
R45 (2Dh)
15:0
0000h
Reserved - Do Not Change
R46 (2Eh)
15:0
0000h
Reserved - Do Not Change
R47 (2Fh)
15:0
0000h
Reserved - Do Not Change
R48 (30h)
15:0
0000h
Reserved - Do Not Change
R49 (31h)
15:0
0000h
Reserved - Do Not Change
R50 (32h)
15:0
0000h
Reserved - Do Not Change
R51 (33h)
15:0
0180h
Reserved - Do Not Change
R52 (34h)
15:0
0000h
Reserved - Do Not Change
R53 (35h)
15:0
0000h
Reserved - Do Not Change
R54 (36h)
15:0
0000h
Reserved - Do Not Change
R55 (37h)
15:0
0000h
Reserved - Do Not Change
R56 (38h)
15:0
0000h
Reserved - Do Not Change
15:7
00h
Reserved - Do Not Change
R57 (39h)
Anti-Pop
6:4
000b
Reserved - Do Not Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com