Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
57
Figure 31 Audio Interface Output Control
The Audio Interface output control is illustrated above. The master mode control register AIF_MSTR
and the left-right clock control register ADCLRC_DIR determine whether the WM8953 generates the
associated clocks. These registers are described in Table 32 below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
AIF_MSTR
0b
Audio Interface Master Mode Select
0 = Slave mode
1 = Master mode
R8 (08h)
11
ADCLRC_DIR
0b
ADCLRC Direction
(Forces ADCLRC clock to be output in
slave mode)
0 = ADCLRC normal operation
1 = ADCLRC clock output enabled
Table 32 Audio Interface Output Function Control
OPERATION WITH TDM
Time division multiplexing (TDM) allows multiple devices to transfer data simultaneously on the same
bus. The WM8953 supports TDM in master and slave modes for all data formats and word lengths.
TDM is enabled using register bit AIFADC_TDM. The TDM data slot is programmed using register bit
AIFADC_TDM_CHAN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com