Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
30
INPUT PGA CONFIGURATION
Each of the four Input PGAs can be configured in single-ended or pseudo-differential mode.
Single-ended microphone operation of an Input PGA is selected by connecting the input source to
the inverting PGA input. The non-inverting PGA input must be connected to VMID by setting the
appropriate register bits.
For pseudo-differential microphone operation, the inverting and non-inverting PGA inputs are both
connected to the input source and not to VMID.
For any line input or other connection not using the Input PGA, the appropriate PGA input should be
disconnected from the external pin and connected to VMID.
Register bits LMN1, LMP2, LMN3, LMP4, RMN1, RMP2, RMN3 and RMP4 control connection of the
PGA inputs to the device pins as shown in Table 6. The maximum available attenuation on any of
these input paths is achieved using these bits to disable the input path to the applicable PGA.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
LMP4
0b
LIN34 PGA Non-Inverting Input Select
0 = LIN4 not connected to PGA
1 = LIN4 connected to PGA
6
LMN3
0b
LIN34 PGA Inverting Input Select
0 = LIN3 not connected to PGA
1 = LIN3 connected to PGA
5
LMP2
0b
LIN12 PGA Non-Inverting Input Select
0 = LIN2 not connected to PGA
1 = LIN2 connected to PGA
4
LMN1
0b
LIN12 PGA Inverting Input Select
0 = LIN1 not connected to PGA
1 = LIN1 connected to PGA
3
RMP4
0b
RIN34 PGA Non-Inverting Input Select
0 = RIN4 not connected to PGA
1 = RIN4 connected to PGA
2
RMN3
0b
RIN34 PGA Inverting Input Select
0 = RIN3 not connected to PGA
1 = RIN3 connected to PGA
1
RMP2
0b
RIN12 PGA Non-Inverting Input Select
0 = RIN2 not connected to PGA
1 = RIN2 connected to PGA
R40 (28h)
0
RMN1
0b
RIN12 PGA Inverting Input Select
0 = RIN1 not connected to PGA
1 = RIN1 connected to PGA
Table 6 Input PGA Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com