Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
10
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Input Path Performance
SNR (A-weighted)
84
94
dB
THD (-1dBFS input)
-84
-75
dB
THD+N (-1dBFS input)
-82
-73
dB
Crosstalk (L/R)
-100
dB
AVDD PSRR (217Hz)
45
dB
DCVDD PSRR (217Hz)
Line inputs to
ADC via INMIXL
and INMIXR,
AVDD = 3.3V
80
dB
SNR (A-weighted)
93
dB
THD (-1dBFS input)
-78
dB
THD+N (-1dBFS input)
Line inputs to
ADC via INMIXL
and INMIXR,
AVDD = 2.7V
-76
dB
SNR (A-weighted)
84
94
dB
THD (-1dBFS input)
-84
-75
dB
THD+N (-1dBFS input)
-82
-73
dB
Crosstalk (L/R)
-100
dB
AVDD PSRR (217Hz)
Input PGAs to
ADC via INMIXL
or INMIXR,
AVDD = 3.3V
45
dB
SNR (A-weighted)
92
dB
THD (-1dBFS input)
-78
dB
THD+N (-1dBFS input)
Input PGAs to
ADC via INMIXL
or INMIXR,
AVDD = 2.7V
-76
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com