Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
63
DIGITAL AUDIO INTERFACE CONTROL
The register bits controlling audio data format, word length, left/right channel data source and TDM
are summarised in Table 33.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
AIFADCL_SRC
0b
Left ADC Data Source Select
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
14
AIFADCR_SRC
1b
Right ADC Data Source Select
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right
channel
13
AIFADC_TDM
0b
ADC TDM Enable
0 = Normal ADCDAT operation
1 = TDM enabled on ADCDAT
12
AIFADC_TDM_
CHAN
0b
ADCDAT TDM Channel Select
0 = ADCDAT outputs data on slot 0
1 = ADCDAT output data on slot 1
8
AIF_BCLK_INV
0b
BCLK Invert
0 = BCLK not inverted
1 = BCLK inverted
Right, left and I2S modes – LRCLK polarity
0 = normal LRCLK polarity
1 = invert LRCLK polarity
7
AIF_LRCLK_IN
V
0b
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK rising
edge after LRC rising edge (mode A)
1 = MSB is available on 1st BCLK rising
edge after LRC rising edge (mode B)
6:5
AIF_WL
[1:0]
10b
Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - see “Companding” for the selection of
8-bit mode.
R4 (04h)
4:3
AIF_FMT
[1:0]
10b
Digital Audio Interface Format
00 = Right justified
01 = Left justified
10 = I2S Format
11 = DSP Mode
Table 33 Audio Data Format Control
AUDIO INTERFACE OUTPUT AND GPIO TRISTATE
Register bit AIF_TRIS can be used to tristate the audio interface and GPIO pins as described in
Table 34.
All GPIO pins and digital audio interface pins will be tristated by this function, regardless of the state
of other registers which control these pin configurations.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
13
AIF_TRIS
0
Audio Interface and GPIO Tristate
0 = Audio interface and GPIO pins operate normally
1 = Tristate all audio interface and GPIO pins
Table 34 Tri-stating the Audio Interface and GPIO Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com