Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
70
SYSCLK
ADC SAMPLE RATE
DIVIDER
CLOCKING MODE
ADC
SAMPLE RATE
000 = SYSCLK / 1
48 kHz
001 = SYSCLK / 1.5
32 kHz
010 = SYSCLK / 2
24 kHz
011 = SYSCLK / 3
16 kHz
100 = SYSCLK / 4
12 kHz
101 = SYSCLK / 5.5
Not used
110 = SYSCLK / 6
8 kHz
12.288 MHz
111 = Reserved
Normal
(256 * Fs)
Reserved
000 = SYSCLK / 1
44.1 kHz
001 = SYSCLK / 1.5
Not used
010 = SYSCLK / 2
22.05 kHz
011 = SYSCLK / 3
Not used
100 = SYSCLK / 4
11.025 kHz
101 = SYSCLK / 5.5
8.018 kHz
110 = SYSCLK / 6
Not used
11.2896 MHz
111 = Reserved
Normal
(256 * Fs)
Reserved
000 = SYSCLK / 1
44.118 kHz
001 = SYSCLK / 1.5
Not used
010 = SYSCLK / 2
22.059 kHz
011 = SYSCLK / 3
Not used
100 = SYSCLK / 4
11.029 kHz
101 = SYSCLK / 5.5
8.021 kHz
110 = SYSCLK / 6
Not used
12 MHz
111 = Reserved
USB Mode
(272 * Fs)
Reserved
000 = SYSCLK / 1
8 kHz
001 = SYSCLK / 1.5
Not used
010 = SYSCLK / 2
Not used
011 = SYSCLK / 3
Not used
100 = SYSCLK / 4
Not used
101 = SYSCLK / 5.5
Not used
110 = SYSCLK / 6
Not used
2.048 MHz
111 = Reserved
Normal
(256 * Fs)
Reserved
Table 40 ADC Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com