Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
47
TEMPERATURE SENSOR OUTPUT
To protect the device from overheating a thermal shutdown function is provided (see "Thermal
Shutdown" section for more information).
The polarity of the Thermal Shutdown sensor may be controlled by register bit TEMPOK_POL. Note
that this polarity inversion bit applies to the Interrupt register behaviour only; it does not affect the
direct GPIO output of the Temperature Sensor function. The associated interrupt event may be
masked or enabled by register bit TEMPOK_IRQ_ENA. The Temperature status bit contained in the
IRQ Register (R18) may be read at any time or else in response to an Interrupt event. See Table 30
for more details of the Interrupt function.
If direct output of the Temperature status bit is required to the external pins of the WM8953, the
following register settings are required:
•
AIF_TRIS = 0
•
GPIOn_SEL = 0101 for the selected GPIO Temperature status output pin
•
GPIOn_PU = 0 for the selected GPIO Temperature status output pin
•
GPIOn_PD = 0 for the selected GPIO Temperature status output pin
The register fields used to configure the Temperature Sensor GPIO function are described in Table
26.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
11
TEMPOK_POL
(rw)
1b
Temperature Sensor polarity
0 = Non-inverted
1 = Inverted
R22 (16h)
11
TEMPOK_IRQ_
ENA
0b
Temperature Sensor IRQ Enable
0 = disabled
1 = enabled
Table 26 Temperature Sensor GPIO Control
The temperature sensor function operates according to the following truth table:
LABEL
VALUE
DESCRIPTION
Temperature Sensor output
0
Overheat temperature exceeded
Temperature Sensor output
1
Overheat temperature not exceeded
Table 27 Truth Table for GPIO Output of Temperature Sensor Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com