Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
69
ADC SAMPLE RATE
The ADC sample rate is selectable, relative to SYSCLK, by setting the register fields ADC_CLKDIV.
This must be set according to the SYSCLK frequency, and according to the selected clocking mode.
Two clocking modes are provided - Normal Mode (AIF_LRCLKRATE = 0) allows selection of the
commonly used sample rates from typical audio system clocking frequencies (eg. 12.288MHz); USB
Mode (AIF_LRCLKRATE = 1) allows many of these sample rates to be generated from a 12MHz
USB clock. Depending on the available clock sources, the USB mode may be used to save power by
supporting 44.1kHz operation without requiring the PLL.
The AIF_LRCLKRATE field must be set as described in Table 39 to ensure correct operation of
internal functions according to the SYSCLK / Fs ratio. Table 40 describes the available sample rates
using four different common MCLK frequencies.
In Normal mode, the programmable division set by ADC_CLKDIV must ensure that a 256 * ADC Fs
clock is generated for the ADC DSP.
In USB mode, the programmable division set by ADC_CLKDIV must ensure that a 272 * ADC Fs
clock is generated for the ADC DSP.
Note that in USB mode, the ADC sample rates do not match exactly with the commonly used sample
rates (e.g. 44.118 kHz instead of 44.100 kHz). At most, the difference is less than 0.5%. Data
recorded at 44.100 kHz sample rate and replayed at 44.118 kHz will experience a slight (sub 0.5%)
pitch shift as a result of this difference. Note also that the USB mode cannot be used to generate a
48kHz samples rate from a 12MHz MCLK; the PLL should be used in this case.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
7:5
ADC_CLKDIV
[2:0]
000b
ADC Sample Rate Divider
000 = SYSCLK / 1.0
001 = SYSCLK / 1.5
010 = SYSCLK / 2.0
011 = SYSCLK / 3.0
100 = SYSCLK / 4.0
101 = SYSCLK / 5.5
110 = SYSCLK / 6.0
111= Reserved
R10 (0Ah)
10
AIF_LRCLKRAT
E
0b
LRCLK Rate
0 = Normal mode (256 * fs)
1 = USB mode (272 * fs)
Table 39 ADC Sample Rate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com