Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
25
DEVICE DESCRIPTION
INTRODUCTION
The WM8953 is a low power, high quality audio ADC designed to interface with a wide range of
processors and analogue components. A high level of mixed-signal integration in a very small
3.226x3.44mm footprint makes it ideal for portable applications such as mobile phones.
Eight highly flexible analogue inputs allow interfacing to up to four microphone inputs plus multiple
stereo or mono line inputs (single-ended or differential).
The stereo ADCs are of hi-fi quality using a 24-bit, low-order oversampling architecture to deliver
optimum performance. A flexible clocking arrangement supports a wide variety of clock inputs and
sample rates; the integrated ultra-low power PLL provides additional flexibility. A high pass filter is
available in the ADC path for removing DC offsets and suppressing low frequency noise such as
mechanical vibration and wind noise.
The WM8953 has a highly flexible digital audio interface, supporting a number of protocols, including
I2S, DSP, MSB-first left/right justified, and can operate in master or slave modes. PCM operation is
supported in the DSP mode. A-law and
µ-law companding are also supported. Time division
multiplexing (TDM) is available to allow multiple devices to stream data simultaneously on the same
bus, saving space and power.
The SYSCLK (system clock) provides clocking for the ADCs, DSP core and the digital audio
interface. SYSCLK can be derived directly from the MCLK pin or via an integrated PLL, providing
flexibility to support a wide range of clocking schemes. All MCLK frequencies typically used in
portable systems are supported for sample rates between 8kHz and 48kHz.
To allow full software control over all its features, the WM8953 uses a standard 2-wire or 3/4-wire
control interface with readback of key registers supported. It is fully compatible and an ideal partner
for a wide range of industry standard microprocessors, controllers and DSPs. Unused circuitry can
be disabled via software to save power, while low leakage currents extend standby and off time in
portable battery-powered applications. The device address can be selected using the CSB/ADDR
pin.
Versatile GPIO functionality is provided, with support for up to five button/accessory detect inputs
with interrupt and status readback and flexible de-bouncing options, clock output, and logic '1' / logic
'0' for control of additional external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com