Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 89Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 90Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 91Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 92Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 93Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 94Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 95Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
92
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
IPVU[0]
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause all input PGA volumes to be
updated simultaneously (LIN12, LIN34, RIN12 and RIN34)
7
LI12MUTE
1b
LIN12 PGA Mute
0 = Disable Mute
1 = Enable Mute
6
LI12ZC
0b
LIN12 PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
5
0b
Reserved - Do Not Change
LIN12 Input
PGA Volume
4:0
LIN12VOL
[4:0]
01011b
LIN12 Volume
(See Table 8 for PGA volume range)
15:9
00h
Reserved - Do Not Change
8
IPVU[1]
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause all input PGA volumes to be
updated simultaneously (LIN12, LIN34, RIN12 and RIN34)
7
LI34MUTE
1b
LIN34 PGA Mute
0 = Disable Mute
1 = Enable Mute
6
LI34ZC
0b
LIN34 PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
5
0b
Reserved - Do Not Change
R25 (19h)
LIN34 Input
PGA Volume
4:0
LIN34VOL
[4:0]
01011b
LIN34 Volume
(See Table 8 for PGA volume range)
15:9
00h
Reserved - Do Not Change
8
IPVU[2]
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause all input PGA volumes to be
updated simultaneously (LIN12, LIN34, RIN12 and RIN34)
7
RI12MUTE
1b
RIN12 PGA Mute
0 = Disable Mute
1 = Enable Mute
6
RI12ZC
0b
RIN12 PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
5
0b
Reserved - Do Not Change
R26 (1Ah)
RIN12 Input
PGA Volume
4:0
RIN12VOL
[4:0]
01011b
RIN12 Volume
(See Table 8 for PGA volume range)
15:9
00h
Reserved - Do Not Change
8
IPVU[3]
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause all input PGA volumes to be
updated simultaneously (LIN12, LIN34, RIN12 and RIN34)
7
RI34MUTE
1b
RIN34 PGA Mute
0 = Disable Mute
1 = Enable Mute
6
RI34ZC
0b
RIN34 PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
5
0b
Reserved - Do Not Change
R27 (1Bh)
RIN34 Input
PGA Volume
4:0
RIN34VOL
[4:0]
01011b
RIN34 Volume
(See Table 8 for PGA volume range)
R28 (1Ch)
15:0
0000h
Reserved - Do Not Change
R29 (1Dh)
15:0
0000h
Reserved - Do Not Change
R30 (1Eh)
15:0
0066h
Reserved - Do Not Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com