Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 77Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 78Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 79Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 80Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
79
POWER MANAGEMENT
POWER MANAGEMENT REGISTERS
The WM8953 has two control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To minimise pop or click noise,
it is important to enable or disable functions in the correct order.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
MICBIAS_ENA
(rw)
0b
MICBIAS Enable
0 = OFF (high impedance output)
1 = ON
2:1
VMID_MODE
[1:0]
(rw)
00b
Vmid Divider Enable and Select
00 = Vmid disabled (for OFF mode)
01 = 2 x 50k
Ω divider (Normal mode)
10 = 2 x 250k
Ω divider (Standby mode)
11 = 2 x 5k
Ω divider (for fast start-up)
R1 (1h)
0
VREF_ENA
(rw)
0b
VREF Enable (Bias for all analogue
functions)
0 = VREF bias disabled
1 = VREF bias enabled
15
PLL_ENA
(rw)
0b
PLL Enable
0 = disabled
1 = enabled
14
TSHUT_ENA
(rw)
0b
Thermal Sensor Enable
0 = Thermal sensor disabled
1 = Thermal sensor enabled
11
OPCLK_ENA
(rw)
0b
GPIO Clock Output Enable
0 = disabled
1 = enabled
9
AINL_ENA
(rw)
0b
Left Input Path Enable
0 = disabled
1 = enabled
8
AINR_ENA
(rw)
0b
Left Input Path Enable
0 = disabled
1 = enabled
7
LIN34_ENA
(rw)
0b
LIN34 Input PGA Enable
0 = disabled
1 = enabled
6
LIN12_ENA
(rw)
0b
LIN12 Input PGA Enable
0 = disabled
1 = enabled
5
RIN34_ENA
(rw)
0b
RIN34 Input PGA Enable
0 = disabled
1 = enabled
4
RIN12_ENA
(rw)
0b
RIN12 Input PGA Enable
0 = disabled
1 = enabled
1
ADCL_ENA
(rw)
0b
Left ADC Enable
0 = disabled
1 = enabled
R2 (02h)
0
ADCR_ENA
(rw)
0b
Right ADC Enable
0 = disabled
1 = enabled
Table 51 Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com