Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
67
CLOCKING AND SAMPLE RATES
The internal clocks for the ADCs, DSP core functions and digital audio interface are derived from a
common internal clock source, SYSCLK.
SYSCLK can either be derived directly from MCLK, or may be generated from a PLL using MCLK as
an external reference. Many commonly-used audio sample rates can be derived directly from typical
MCLK frequencies; the PLL provides additional flexibility for a wide range of MCLK frequencies. All
clock configurations must be set up before enabling playback to avoid glitches.
The ADC sample rate is selectable, relative to SYSCLK, using ADC_CLKDIV. This must be set
according to the required sampling frequency and depending on the selected clocking mode
(AIF_LRCLKRATE).
In master mode, BCLK is also derived from SYSCLK via a programmable division set by BCLK_DIV.
The BCLK frequency must be set appropriately to support the sample rate of the ADC. The ADCLRC
signal does not automatically match the ADC sample rate; this must be configured using
ADCLRC_RATE as described under “Digital Audio Interface Control”.
A clock (OPCLK) derived from SYSCLK can be output on the GPIO pins to provide clocking for other
parts of the system. This clock is enabled by OPCLK_ENA and its frequency is set by OPCLKDIV.
A slow clock (TOCLK) derived from SYSCLK can be used to de-bounce the button/accessory detect
inputs, and to set the timeout period for volume updates when zero-cross detect is used. This clock
is enabled by TOCLK_ENA and its frequency is set by TOCLK_RATE.
Table 38 to Table 43 show the clocking and sample rate controls for MCLK input, BCLK output (in
master mode), ADCs, and GPIO clock output.
The overall clocking scheme for the WM8953 is illustrated in Figure 50.
MCLK
PLL
R=f2/f1
SYSCLK
f2
f1
MASTER
MODE
CLOCK
OUTPUTS
fPLLOUT
f/N
f/4
f/2
GPIO Clock Output
f/N
Timeout and
De-Bounce
Clock
Button/accessory detect de-bounce,
Volume update timeout
TOCLK_ENA
f/221
f/219
MCLK
MCLK is the master clock source
SYSCLK
All internal clocks are derived from SYSCLK.
SYSCLK can be derived directly from MCLK or from the PLL output.
It has a programmable divide by 2 option (MCLKDIV).
ADC_CLKDIV
ADC sample rate is set by ADC_CLKDIV (Master or slave mode).
ADCLRC_RATE
ADCLRC in master mode is derived from BCLK and is controlled by ADCLRC_RATE.
BCLK_DIV
BCLK rate is set by BCLK_DIV in master mode.
The BCLK rate should be high enough to support the selected ADC sample rate.
OPCLKDIV
GPIO Clock output frequency is set by OPCLKDIV.
TOCLK_RATE
A slow clock is used for button/accessory detect de-bounce and for volume update
timeouts (when zero-cross detect is enabled). The frequency of this slow clock is set by
TOCLK_RATE.
TOCLK_RATE
BCLK_DIV[3:0]
0000 = SYSCLK
0001 = SYSCLK / 1.5
0010 = SYSCLK / 2
0011 = SYSCLK / 3
0100 = SYSCLK / 4
0101 = SYSCLK / 5.5
0110 = SYSCLK / 6
0111 = SYSCLK / 8
1000 = SYSCLK / 11
1001 = SYSCLK / 12
1010 = SYSCLK / 16
1011 = SYSCLK / 22
1100 = SYSCLK / 24
1101 = SYSCLK / 32
1110 = SYSCLK / 44
1111 = SYSCLK / 48
BCLKDIV
[3:0]
OPCLKDIV[3:0]
0000 = SYSCLK
0001 = SYSCLK / 2
0010 = SYSCLK / 3
0011 = SYSCLK / 4
0100 = SYSCLK / 5.5
0101 = SYSCLK / 6
0110 = SYSCLK / 8
0111 = SYSCLK / 12
1000 = SYSCLK /16
1001 – 1111 = Reserved
OPCLKDIV
MCLKDIV[1:0]
00 = MCLK
01 = Reserved
10 = MCLK / 2
11 = Reserved
MCLKDIV[1:0]
SYSCLK_SRC
PRESCALE
ADC_CLKDIV[2:0]
000 = SYSCLK
001 = SYSCLK / 1.5
010 = SYSCLK / 2
011 = SYSCLK / 3
100 = SYSCLK / 4
101 = SYSCLK / 5.5
110 = SYSCLK / 6
111 = Reserved
OPCLK_ENA
en
BCLK
ADCLRC
f/N
ADCLRC_RATE
[10:0]
MCLK_INV
256fs
ADC_CLKDIV
[2:0]
f/4
ADC DSP
64fs
f/N
ADC
f/N
Figure 50 Clocking Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com