Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
68
SYSCLK CONTROL
MCLK may be inverted by setting register bit MCLK_INV. Note that it is not recommended to change
the control bit MCLK_INV while the WM8953 is processing data as this may lead to clock glitches
and signal pop and clicks.
The SYSCLK_SRC bit is used to select the source for SYSCLK. The source may be either MCLK or
the PLL output. The selected source is divided by the SYSCLK pre-divider MCLK_DIV to generate
SYSCLK. The selected source may also be adjusted by the MCLK_DIV divider. These register fields
are described in Table 38. See “PLL” for more details of the Phase Locked Loop clock generator.
The WM8953 supports glitch-free SYSCLK source selection. When both clock sources are running
and SYSCLK_SRC is modified to select one of these clocks, a glitch-free clock transition will take
place. The de-glitching circuit will ensure that the minimum pulse width will be no less than the pulse
width of the faster of the two clock sources.
When the initial clock source is to be disabled before changing to the new clock source, the
CLK_FORCE bit must also be used to force the clock source transition to take place. In this case,
glitch-free operation cannot be guaranteed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
14
SYSCLK_SRC
0b
SYSCLK Source Select
0 = MCLK
1 = PLL output
13
CLK_FORCE
0b
Forces Clock Source Selection
0 = Existing SYSCLK source (MCLK or
PLL output) must be active when
changing to a new clock source.
1 = Allows existing MCLK source to be
disabled before changing to a new clock
source.
12:11
MCLK_DIV
[1:0]
00b
SYSCLK Pre-divider. Clock source
(MCLK or PLL output) will be divided by
this value to generate SYSCLK.
00 = Divide SYSCLK by 1
01 = Reserved
10 = Divide SYSCLK by 2
11 = Reserved
R7 (07h)
10
MCLK_INV
0b
MCLK Invert
0 = Master clock not inverted
1 = Master clock inverted
Table 38 MCLK and SYSCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com