Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
29
MICROPHONE BIAS CONTROL
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones via an external resistor. Refer to the Applications Information section for recommended
external components. The MICBIAS voltage can be enabled or disabled using the MICBIAS_ENA
control bit and the voltage can be selected using the MBSEL register bit as detailed in Table 4.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
4
MICBIAS_ENA
(rw)
0b
Microphone Bias
0 = OFF (high impedance output)
1 = ON
R58 (3Ah)
0
MBSEL
0b
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.65 * AVDD
Table 4 Microphone Bias Control
Note that the maximum source current capability for MICBIAS is 3mA. The external biasing
resistance must be large enough to limit the MICBIAS current to 3mA.
MICROPHONE CURRENT DETECT
A MICBIAS current detect function allows detection of accessories such as headset microphones.
When the MICBIAS load current exceeds one of two programmable thresholds, (e.g. short circuit
current or normal operating current), an interrupt or GPIO output can be generated. The current
detection circuit is enabled by the MCD bit; the current thresholds are selected by the MCDTHR and
MCDSCTH register fields as described in Table 24- see “General Purpose Input/Output” for a full
description of these fields.
DISABLED INPUT CONTROL
After start-up, it may be desirable to disable an input stage, in order to reduce power consumption on
an unused PGA or Input Mixer.
In order to avoid audible pops caused by a disabling any part of the input circuits, the WM8953 can
maintain the input at VMID even when the PGA or Input Mixer is disabled. This is achieved by
connecting a buffered VMID reference to the input. The buffered VMID is enabled by setting
BUFIOEN.
When BUFIOEN is enabled, the WM8953 maintains the charge on the input capacitors connected to
any disabled input amplifier. This suppresses the audible artefacts that would otherwise arise when
an input amplifier is disabled or enabled. In some applications, a pop generated at an input stage can
be entirely suppressed by correctly managing the output stages (eg. using the ADC mute). However,
it may be desirable to use the buffered VMID feature in order to eliminate the input PGA start-up
delay (the input capacitor charging time) in addition to suppressing any mute/un-mute pops. In
applications where frequent enabling and configuration of signal paths is used, it is recommended to
enable BUFIOEN at all times.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57 (39h)
Anti-Pop
3
BUFIOEN
0b
Enables the Buffered VMID reference at
disabled inputs
0 = Disabled
1 = Enabled
Table 5 Disabled Input/Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com