Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 89Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 90Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
87
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12:11
MCLK_DIV
[1:0]
00b
SYSCLK Pre-divider. Clock source (MCLK or PLL output) will
be divided by this value to generate SYSCLK.
00 = Divide SYSCLK by 1
01 = Reserved
10 = Divide SYSCLK by 2
11 = Reserved
10
MCLK_INV
0b
MCLK Invert
0 = Master clock not inverted
1 = Master clock inverted
9:8
00b
Reserved - Do Not Change
7:5
ADC_CLKDIV
[2:0]
000b
ADC Sample Rate Divider
000 = SYSCLK / 1.0
001 = SYSCLK / 1.5
010 = SYSCLK / 2.0
011 = SYSCLK / 3.0
100 = SYSCLK / 4.0
101 = SYSCLK / 5.5
110 = SYSCLK / 6.0
111= Reserved
4:0
00000b
Reserved - Do Not Change
15
AIF_MSTR
0b
Audio Interface Master Mode Select
0 = Slave mode
1 = Master mode
14:12
000b
Reserved - Do Not Change
11
ADCLRC_DIR
0b
ADCLRC Direction
(Forces ADCLRC clock to be output in slave mode)
0 = ADCLRC normal operation
1 = ADCLRC clock output enabled
R08 (08h)
Audio
Interface (3)
10:0
ADCLRC_RATE
[10:0]
040h
ADCLRC Rate
ADCLRC clock output = BCLK / ADCLRC_RATE
Integer (LSB = 1)
Valid from 8..2047
15:14
00b
Reserved - Do Not Change
13
AIF_TRIS
0b
Audio Interface and GPIO Tristate
0 = Audio interface and GPIO pins operate normally
1 = Tristate all audio interface and GPIO pins
12
0b
Reserved - Do Not Change
R09 (09h)
Audio
Interface (4)
11:0
040h
Reserved - Do Not Change
15:11
00000b
Reserved - Do Not Change
10
AIF_LRCLKRATE
0b
LRCLK Rate
0 = Normal mode (256 * fs)
1 = USB mode (272 * fs)
9:8
00b
Reserved - Do Not Change
R10 (0Ah)
LRCLK Rate
7:0
04h
Reserved - Do Not Change
R11 (0Bh)
15:0
0060h
Reserved - Do Not Change
R12 (0Ch)
15:0
0060h
Reserved - Do Not Change
R13 (0Dh)
15:0
0000h
Reserved - Do Not Change
15:9
00h
Reserved - Do Not Change
8
ADC_HPF_ENA
1b
ADC Digital High Pass Filter Enable
0 = disabled
1 = enabled
R14 (0Eh)
ADC Control
7
0b
Reserved - Do Not Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com