Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
17
AUDIO INTERFACE TIMING – MASTER MODE
Figure 3 Digital Audio Data Timing - Master Mode (see Control Interface)
Test Conditions
DCVDD=1.8V, DBVDD=AVDD=3.3V, DGND=AGND=0V, TA=+25
oC, Master Mode, fs=48kHz, MCLK=256fs, 24-bit data, unless
otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Timing Information
ADCLRC propagation delay from BCLK falling edge
tDL
20
ns
ADCDAT propagation delay from BCLK falling edge
tDDA
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com