Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
46
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10
MICSHRT_IRQ_ENA
0b
MICBIAS short circuit detect IRQ Enable
0 = disabled
1 = enabled
R22 (16h)
9
MICDET_IRQ_ENA
0b
MICBIAS current detect IRQ Enable
0 = disabled
1 = enabled
Table 24 MICBIAS Current Detect Control
The current detect function operates according to the following the truth table:
LABEL
VALUE
DESCRIPTION
Mic Short Circuit Detect
0
MCDSCTH current threshold not exceeded
Mic Short Circuit Detect
1
MCDSCTH current threshold exceeded
Mic Current Detect
0
MCDTHR current threshold not exceeded
Mic Current Detect
1
MCDTHR current threshold exceeded
Table 25 Truth Table for GPIO Output of MICBIAS Current Detect Function
CLOCK OUTPUT
A clock output (OPCLK) derived from SYSCLK may be output via GPIO3, GPIO4 or GPIO5.
SYSCLK is derived from MCLK (either directly, or in conjunction with the PLL), and is used to provide
all internal clocking for the WM8953 (see "Clocking and Sample Rates" section for more information).
A programmable clock divider OPCLKDIV controls the frequency of the OPCLK output. This clock is
enabled by register bit OPCLK_ENA. See “Clocking and Sample Rates” for a definition of this
register field.
To enable clock output via one or more GPIO pins, the following register settings are required:
•
AIF_TRIS = 0
•
GPIOn_SEL = 0001 for the selected GPIO clock output pin
•
GPIOn_PU = 0 for the selected GPIO clock output pin
•
GPIOn_PD = 0 for the selected GPIO clock output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com