Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
36
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8953 uses stereo 24-bit, 64x oversampled sigma-delta ADCs. The use of multi-bit feedback
and high oversampling rates reduces the effects of jitter and high frequency noise. The ADC full
scale input level is proportional to AVDD. See “Electrical Characteristics” for further details. Any input
signal greater than full scale may overload the ADC and cause distortion.
The ADCs are enabled by the ADCL_ENA and ADCR_ENA register bits. If both ADCs are to be
enabled, they should be enabled simultaneously, i.e. with the same register write. If there is a
requirement to enable the ADCs independently of one another and use them simultaneously, the
ADCL_ADCR_LINK bit should be set. The EXT_ACCESS_ENA bit must be set before writing to the
ADCL_ADCR_LINK bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
ADCL_ENA
(rw)
0b
Left ADC Enable
0 = ADC disabled
1 = ADC enabled
R2 (02h)
0
ADCR_ENA
(rw)
0b
Right ADC Enable
0 = ADC disabled
1 = ADC enabled
R117 (75h)
1
EXT_ACCESS_ENA
0b
Extended Register Map Access
0 = disabled
1 = enabled
R122 (7Ah)
15
ADCL_ADCR_LINK
0b
0 = ADC Sync disabled
1 = ADC Sync enabled
Table 12 ADC Enable Control
ADC DIGITAL VOLUME CONTROL
The output of the ADCs can be digitally amplified or attenuated over a range from -71.625dB to
+17.625dB in 0.375dB steps. The volume of each channel can be controlled separately. The gain for
a given eight-bit code X is given by:
0.375
× (X-192) dB for 1 ≤ X ≤ 239;
MUTE for X = 0
+17.625dB for 239
≤ X ≤ 255
The ADC_VU bit controls the loading of digital volume control data. When ADC_VU is set to 0, the
ADCL_VOL or ADCR_VOL control data will be loaded into the respective control register, but will not
actually change the digital gain setting. Both left and right gain settings are updated when a 1 is
written to ADC_VU. This makes it possible to update the gain of both channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
ADC_VU
N/A
ADC Volume Update
Writing a 1 to this bit will cause left
and right ADC volume to be updated
simultaneously
R15 (0Fh)
7:0
ADCL_VOL
[7:0]
1100_0000b
(0dB)
Left ADC Digital Volume
(See Table 14 for volume range)
8
ADC_VU
N/A
ADC Volume Update
Writing a 1 to this bit will cause left
and right ADC volume to be updated
simultaneously
R16 (10h)
7:0
ADCR_VOL
[7:0]
1100_0000b
(0dB)
Right ADC Digital Volume
(See Table 14 for volume range)
Table 13 ADC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com