Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 91Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 92Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 93Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 94Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 95Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 96Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 97Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 98Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
95
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
BUFIOEN
0b
Enables the VGS / R current generator and the analogue input
bias
0 = Disabled
1 = Enabled
2:0
000b
Reserved - Do Not Change
15:8
00h
Reserved - Do Not Change
7:6
MCDSCTH
[1:0]
00b
MICBIAS Short Circuit Current Detect Threshold
00 = 600uA
01 = 1200uA
10 = 1800uA
11 = 2400uA
These values are for AVDD=3.3V and scale proportionally with
AVDD.
5:3
MDCTHR
[2:0]
000b
MICBIAS Current Detect Threshold
000 = 200uA
001 = 350uA
010 = 500uA
011 = 650uA
100 = 800uA
101 = 950uA
110 = 1100uA
111 = 1200uA
These values are for AVDD=3.3V and scale proportionally with
AVDD.
2
MCD
0b
MICBIAS Current and Short Circuit Detect Enable
0 = disabled
1 = enabled
1
0b
Reserved - Do Not Change
R58 (3Ah)
Microphone
Bias
0
MBSEL
0b
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.65 * AVDD
R59 (3Bh)
15:0
0000h
Reserved - Do Not Change
15:8
00h
Reserved - Do Not Change
7
SDM
0b
Enable PLL Integer Mode
0 = Integer mode
1 = Fractional mode
6
PRESCALE
0b
Divide MCLK by 2 at PLL input
0 = Divide by 1
1 = Divide by 2
5:4
00b
Reserved - Do Not Change
R60 (3Ch)
PLL (1)
3:0
PLLN
[3:0]
8h
Integer (N) part of PLL frequency ratio.
Use values greater than 5 and less than 13.
15:8
00h
Reserved - Do Not Change
R61 (3Dh)
PLL (2)
7:0
PLLK
[15:8]
31h
Fractional (K) part of PLL frequency ratio
(Most significant bits)
15:8
00h
Reserved - Do Not Change
R62 (3Eh)
PLL (2)
7:0
PLLK
[7:0]
26h
Fractional (K) part of PLL frequency ratio
(Least significant bits)
R63 (3Fh) to
R116 (74h)
Reserved
15:2
0000h
Reserved - Do Not Change
R117 (75h)
Access
Control
1
EXT_ACCESS_ENA
0b
Extended Register Map Access
0 = disabled
1 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com