Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 92Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 93Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 94Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 95Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 96Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 97Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 98Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 99Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 100Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
97
DIGITAL FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Filter
+/- 0.05dB
0
0.454 fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.05
dB
Stopband
0.546s
Stopband Attenuation
f > 0.546 fs
-60
dB
Group Delay
18/fs
ADC FILTER RESPONSES
-140
-120
-100
-80
-60
-40
-20
0
20
0.00
0.25
0.50
0.75
Frequency (fs)
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.00
0.25
Frequency (fs)
Figure 59 ADC Digital Filter Frequency Response
Figure 60 ADC Digital Filter Ripple
ADC HIGH PASS FILTER RESPONSES
MAGNITUDE(dB)
1
2.6923
7.2484
19.515
52.54
141.45
380.83
1.0253k
2.7605k
7.432k
20.009k
-11.736
-10.562
-9.3883
-8.2145
-7.0407
-5.8669
-4.6931
-3.5193
-2.3455
-1.1717
2.1246m
hpf_response.res MAGNITUDE(dB)
hpf_response2.res MAGNITUDE(dB)
hpf_response2.res#1 MAGNITUDE(dB)
2
5.0248
12.624
31.716
79.683
200.19
502.96
1.2636k
3.1747k
7.9761k
20.039k
-83.352
-75.017
-66.682
-58.347
-50.012
-41.677
-33.342
-25.007
-16.672
-8.3373
-2.3338m
Figure 61 ADC Digital High Pass Filter Frequency
Response (48kHz, Hi-Fi Mode, ADC_HPF_CUT[1:0]=00)
Figure 62 ADC Digital High Pass Filter Ripple (48kHz,
Voice Mode, ADC_HPF_CUT=01, 10 and 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com