Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
Production Data
WM8953
w
PD, January 2009, Rev 4.0
65
COMPANDING
The WM8953 supports A-law and
µ-law companding. This is selected as shown in Table 36.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
ADC_COMP
0b
ADC Companding Enable
0 = disabled
1 = enabled
R5 (05h)
1
ADC_COMPMODE
0b
ADC Companding Type
0 = µ-law
1 = A-law
Table 36 Companding Control
Companding involves using a piecewise linear approximation of the following equations (as set out
by ITU-T G.711 standard) for data compression:
µ-law (where µ=255 for the U.S. and Japan):
F(x) = ln( 1 +
µ|x|) / ln( 1 + µ)
-1 ≤ x ≤ 1
A-law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
} for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
} for 1/A ≤ x ≤ 1
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
µ-law, all even data bits are inverted for A-law). The data will be transmitted as the first 8 MSBs
of data.
Companding converts 13 bits (
µ-law) or 12 bits (A-law) to 8 bits using non-linear quantization. This
provides greater precision for low amplitude signals than for high amplitude signals, resulting in a
greater usable dynamic range than 8 bit linear quantization. The companded signal is an 8-bit word
comprising sign (1 bit), exponent (3 bits) and mantissa (4 bits).
8-bit mode is selected whenever ADC_COMP=1. The use of 8-bit data allows samples to be passed
using as few as 8 BCLK cycles per LRC frame. When using DSP mode B, 8-bit data words may be
transferred consecutively every 8 BCLK cycles.
8-bit mode (without Companding) may be enabled by setting ADC_COMPMODE=1, when
ADC_COMP=0.
BIT7
BIT[6:4]
BIT[3:0]
SIGN
EXPONENT
MANTISSA
Table 37 8-bit Companded Word Composition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com